Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7112DN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7112DN
Description  N-Channel 30 V (D-S) Fast Switching MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7112DN Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7112DN Datasheet HTML 1Page - Vishay Siliconix SI7112DN Datasheet HTML 2Page - Vishay Siliconix SI7112DN Datasheet HTML 3Page - Vishay Siliconix SI7112DN Datasheet HTML 4Page - Vishay Siliconix SI7112DN Datasheet HTML 5Page - Vishay Siliconix SI7112DN Datasheet HTML 6Page - Vishay Siliconix SI7112DN Datasheet HTML 7Page - Vishay Siliconix SI7112DN Datasheet HTML 8Page - Vishay Siliconix SI7112DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 72864
S11-0855-Rev. G, 02-May-11
Vishay Siliconix
Si7112DN
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note:
a. Surface mounted on 1" x 1" FR4 board.
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
 10 s
RthJA
24
33
°C/W
Steady State
65
81
Maximum Junction-to-Foot (Drain)
Steady State
RthJC
1.9
2.4
MOSFET SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.6
1.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
5
On-State Drain Currenta
ID(on)
VDS 5 V, VGS = 10 V
40
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 17.8 A
0.0060
0.0075
VGS = 4.5 V, ID = 17 A
0.0065
0.0082
Forward Transconductancea
gfs
VDS = 15 V, ID = 17.8 A
97
S
Diode Forward Voltagea
VSD
IS = 3.2 A, VGS = 0 V
0.7
1.2
V
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
2610
pF
Output Capacitance
Coss
340
Reverse Transfer Capacitance
Crss
145
Total Gate Charge
Qg
VDS = 15 V, VGS = 4.5 V, ID = 17.8 A
18
27
nC
Gate-Source Charge
Qgs
6.2
Gate-Drain Charge
Qgd
3.1
Gate Resistance
Rg
f = 1 MHz
0.5
1.2
1.8
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 15 
ID  1 A, VGEN = 10 V, Rg = 6 
10
15
ns
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
65
100
Fall Time
tf
10
15
Body Diode Reverse Recovery Time
trr
IF = 3.2 A, dI/dt = 100 A/µs
30
60
Body Diode Reverse Recovery Charge
Qrr
18
nC


Similar Part No. - SI7112DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7112DN VISHAY-SI7112DN_V01 Datasheet
549Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
01-Jan-2022
More results

Similar Description - SI7112DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7840DP VISHAY-SI7840DP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 25-Feb-02
SI7840BDP VISHAY-SI7840BDP Datasheet
220Kb / 3P
   N-Channel 30-V (D-S) Fast Switching MOSFET
04-Dec-04
SI7114DN VISHAY-SI7114DN Datasheet
534Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7446BDP VISHAY-SI7446BDP Datasheet
112Kb / 6P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. E, 14-Sep-09
SI7326DN-T1-E3 VISHAY-SI7326DN-T1-E3 Datasheet
538Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 29-Dec-08
SI7440DP VISHAY-SI7440DP Datasheet
41Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. B, 18-Aug-03
SI7326DN VISHAY-SI7326DN Datasheet
534Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 29-Dec-08
SI7804DN VISHAY-SI7804DN_V01 Datasheet
562Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7112DN VISHAY-SI7112DN_V01 Datasheet
549Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7840BDP-T1-E3 VISHAY-SI7840BDP-T1-E3 Datasheet
150Kb / 8P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 16-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com