Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

426052000-3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 426052000-3
Description  INVERTER CABLE: LXM1641-01, 300mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

426052000-3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  426052000-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 426052000-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Date:
May
9, 2007 Sheet
1 of
1
Size Document Number
REV
A
(G:...\DV\DV_CABLE\C6052000.SCH)
03
Title
INVERTER CABLE: LXM1641-01, 300mm
DRAWN BY: VICTOR NG
CONFIDENTIAL
COPYRIGHT 2007, ALL RIGHTS RESERVED
DIGITAL VIEW LTD.
TOLERANCE:
+10mm
-5mm
CABLE TIE WITH " P/N 426052000-3" TAG
HS1,2
300mm
+10mm
-5mm
HS3
HS3 PIN 1,2 IN RED
UL1571 AWG28
OTHERS IN BLACK(OR WHITE)
WIRE:
GND
+12V
CONTROLLER
SIDE
HS1
XHP-5
JST
1
2
HS3.3
HS3.2
INVERTER SIDE
PANEL
HS3
1
2
RED
RED
DC +12V
DC +12V
GROUND
GROUND
SLEEP (>2.2V=ON)
BRIGHT (2.5V=MAX, 0V=MIN.)
RESERVED (SEE SPEC.)
RESERVED (SEE SPEC.)
51021-0810
3
4
5
6
7
8
3
4
5
HS3.5
HS3.6
BLCTRL
BVR_WIP
BVR_A
HS2
XHP-4
JST
+12V
GND
GND
+5V
HS3.4
HS3.1
MOLEX
RoHS
COMPLIANCE
LENGTH=60mm +/- 5mm
INVERTER CABLE: LXM1641-01, 300mm
CABLE P/N: 426052000-3


Similar Part No. - 426052000-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
426050300-3 ETC2-426050300-3 Datasheet
10Kb / 2P
   CABLE: CABLE-JST XHP 5WAY, 300mm
4260518-01 ETC2-4260518-01 Datasheet
12Kb / 2P
   INVERTER CABLE PHR5/XHP-4,5, 300mm
426058300-3 ETC2-426058300-3 Datasheet
9Kb / 2P
   INVERTER CABLE: XHP-5/SOLDER END, 300mm
4260589-00 ETC2-4260589-00 Datasheet
13Kb / 2P
   INVERTER CABLE PHR14/XHP-5, 460mm
More results

Similar Description - 426052000-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4260518-01 ETC2-4260518-01 Datasheet
12Kb / 2P
   INVERTER CABLE PHR5/XHP-4,5, 300mm
426058300-3 ETC2-426058300-3 Datasheet
9Kb / 2P
   INVERTER CABLE: XHP-5/SOLDER END, 300mm
4260402-00 ETC2-4260402-00 Datasheet
12Kb / 2P
   INVERTER CABLE: XHP-4/SOLDER END, 300mm
426050300-3 ETC2-426050300-3 Datasheet
10Kb / 2P
   CABLE: CABLE-JST XHP 5WAY, 300mm
logo
Molex Electronics Ltd.
2181110503 MOLEX-2181110503 Datasheet
82Kb / 1P
   5 CIRCUIT PICOBLADE P:BLUNT CABLE 300MM
2021/03/26
logo
List of Unclassifed Man...
R-134G7210300CB ETC2-R-134G7210300CB Datasheet
170Kb / 1P
   Cable Assembly U.FL - SMA, RP, 300mm
logo
Molex Electronics Ltd.
2181100403 MOLEX-2181100403 Datasheet
84Kb / 1P
   4 CIRCUIT PICOBLADE P:P CABLE 300MM
2021/03/26
2181130203 MOLEX-2181130203 Datasheet
85Kb / 1P
   2 CIRCUIT PICOBLADE R:P CABLE 300MM
2021/03/26
2181120803 MOLEX-2181120803 Datasheet
84Kb / 1P
   8 CIRCUIT PICOBLADE R:BLUNT CABLE 300MM
2021/03/26
2181100703 MOLEX-2181100703 Datasheet
85Kb / 1P
   7 CIRCUIT PICOBLADE P:P CABLE 300MM
2021/03/26
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com