Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHL-W55 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # SHL-W55
Description  Compact, General-purpose Horizontal Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SHL-W55 Datasheet(HTML) 5 Page - Omron Electronics LLC

  SHL-W55 Datasheet HTML 1Page - Omron Electronics LLC SHL-W55 Datasheet HTML 2Page - Omron Electronics LLC SHL-W55 Datasheet HTML 3Page - Omron Electronics LLC SHL-W55 Datasheet HTML 4Page - Omron Electronics LLC SHL-W55 Datasheet HTML 5Page - Omron Electronics LLC SHL-W55 Datasheet HTML 6Page - Omron Electronics LLC SHL-W55 Datasheet HTML 7Page - Omron Electronics LLC SHL-W55 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
SHL
Note: Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
FP
OP
16
16.9
24
21
3.5
15
× 15
9.6
16
6.8
53R
t = 1 *
13
17.5
* Stainless steel lever
16.5±0.2
Hinge Lever
SHL-W155
SHL-W155-01
Model
Operating Characteristics
HL-W155
SHL-W155-01
OF
RF
PT
OT
MD
max.
min.
max.
min.
max.
2.35 N
0.44 N
13 mm
5 mm
4 mm
FP
OP
max.
34.5 mm
21.5
±1 mm
13
FP
OP
16
9.5 dia.
× 4.8 *
16.9
24
21
3.5
15
× 15
* Sintered stainless roller
6.8
9.6
16
16.5±0.2
Short Hinge Roller Lever
SHL-W255
SHL-W255-01
Model
Operating Characteristics
SHL-W255
SHL-W255-01
OF
RF
PT
OT
MD
max.
min.
max.
min.
max.
3.92 N
0.78 N
8 mm
3 mm
2.5 mm
FP
OP
max.
41 mm
33
±1 mm
13
FP
OP
16
9.5 dia.
× 4.0 *
16.9
24
21
3.5
15
× 15
* Sintered stainless roller
6.8
51R
9.6
16
16.5±0.2
Hinge Roller Lever
SHL-W2155
SHL-W2155-01
Model
Operating Characteristics
SHL-W2155
SHL-W2155-01
OF
RF
PT
OT
MD
max.
min.
max.
min.
max.
2.55 N
0.49 N
13 mm
5.5 mm
4 mm
FP
OP
max.
46.5 mm
33.5
±1 mm
Operating direction
13
FP
OP
16
9.5 dia.
× 4.0 *
16.9
24
21
3.5
15
× 15
6.8
90
°
9.6
16
* Stainless sintered roller
16.5±0.2
One-way Action Short Hinge Roller Lever
SHL-W355
SHL-W355-01
Model
Operating Characteristics
SHL-W355
SHL-W355-01
OF
RF
PT
OT
MD
max.
min.
max.
min.
max.
3.92 N
0.78 N
8 mm
3 mm
2.5 mm
FP
OP
max.
52.5 mm
44.5
± 1 mm
Operating direction
13
FP
OP
16
9.5 dia.
× 4.0 *
16.9
24
21
3.5
15
× 15
6.8
90
°
9.6
16
* Stainless sintered roller
16.5±0.2
One-way Action Hinge Roller Lever
SHL-W3155
SHL-W3155-01
Model
Operating Characteristics
SHL-W3155
SHL-W3155-01
OF
RF
PT
OT
MD
max.
min.
max.
min.
max.
2.55 N
0.49 N
13 mm
5.5 mm
4 mm
FP
OP
max.
57.5 mm
44.5
±1 mm


Similar Part No. - SHL-W55

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SHL-W55 OMRON-SHL-W55 Datasheet
1Mb / 8P
   Enclosed Switch
SHL-W55-01 OMRON-SHL-W55-01 Datasheet
1Mb / 8P
   Enclosed Switch
More results

Similar Description - SHL-W55

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
MF1 MKS-MF1 Datasheet
587Kb / 4P
   Compact, General purpose MFC
logo
New Jersey Semi-Conduct...
2N3110 NJSEMI-2N3110 Datasheet
94Kb / 3P
   GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
Maxim Integrated Produc...
IH5040 MAXIM-IH5040 Datasheet
2Mb / 8P
   General-Purpose CMOS Analog Switches
Rev 1; 7/92
DG381A MAXIM-DG381A Datasheet
296Kb / 8P
   General Purpose CMOS Analog Switches
1995
logo
STMicroelectronics
2N2905 STMICROELECTRONICS-2N2905 Datasheet
63Kb / 5P
   GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
Comset Semiconductor
2N3108 COMSET-2N3108 Datasheet
87Kb / 3P
   GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
C&K Components
ASKHC2P04AC CK-COMPONENTS-ASKHC2P04AC Datasheet
227Kb / 5P
   General Purpose Snap-acting Switches
A CK-COMPONENTS-A_V01 Datasheet
580Kb / 5P
   General Purpose Snap-acting Switches
27 Oct 21
logo
ITT Industries
ASKHC2P04AC ITT-ASKHC2P04AC Datasheet
373Kb / 6P
   General Purpose Snap-acting Switches
logo
Comset Semiconductor
2N4030 COMSET-2N4030 Datasheet
235Kb / 3P
   GENERAL PURPOSE AMPLIFIERS AND SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com