Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR0816P-153-D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RR0816P-153-D
Description  Metal thin film chip resistors (precision)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RR0816P-153-D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RR0816P-153-D Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11 Complete Product Catalogue Thin Film Product
Dimension
(inch)
RR0306
(0201)
RR0510
(0402)
RR0816
(0603)
RR1220
(0805)
RR1632
(1206)
RR2632
(1210)
L
0.60±0.05 1.00±0.05 1.60±0.20 2.00±0.20 3.20±0.20 3.20±0.20
W
0.30±0.05 0.50±0.05 0.80±0.20 1.25±0.20 1.60±0.20 2.60±0.20
A
0.12±0.05 0.20±0.10 0.30±0.20 0.40±0.20 0.50±0.20 0.50±0.20
B
0.12±0.05 0.25±0.05 0.30±0.20 0.40±0.20 0.45±0.20 0.45±0.20
T
0.23±0.03 0.35±0.05 0.40±0.10 0.40±0.10 0.40±0.10 0.40±0.10
unit:mm
Contact us for the jumper resistor in RR0816 size (part number: RL0816-JMP)
RR
P 102
(M)
Taping quantity RR1632, RR2632
5000pcs : T5
RR0306, RR0510, RR0816,
RR1220:no code is given
Letter M is added for RR1220 E-96 series 4 digit codes.
Resistance tolerance
Resistance value RR0306, RR0510, RR0816, RR1220 E-24 series : 3digit
RR0306, RR0510, RR0816, RR1220 E-96 series : 4digit
RR1632, RR2632 : 4digit
Rated power
Temperature coefficient of resistance
Size
Series code
Only given to 3 digit codes for RR0816 E-96 series
0816
D
(T5) (***)
-
- -
-
-
L
W
T
A
B
Excellent characteristics in resistance tolerance, temperature coefficient
of resistance, current noise, and linearity
Applications
Any electronics applications that require accuracy and reliability such
as automotive electronics, industrial test and measurement, consumer
electronics and many others.
Features
*Stocked items: E-24 series (TCR P and Q, resistance tolerance D), other E-24 and E-96 series are made to order.
Metal thin film chip resistors (precision)
RR series
Specifications
Electrical characteristics
Dimensions
Part numbering system
Series name
RR0306
RR0510
RR0816
RR1220
RR1632
RR2632
power
1/20W
1/16W
1/16W
1/10W
1/8W
1/4W
E series offered
E-24
E-24, E-96
Resistance range(Ω) 10〜30
33〜
22k
10〜
91
100〜
100k
10〜
91
100〜
360k
10〜
91
100〜
1M
10〜
47
51〜
1M
100〜
200k
10〜
47
51〜
1M
100〜
200k
Resistance
tolerance
(%)
±0.1%(B)
±0.5%(D)
±1.0%(F)
Temperature
coefficient of
resistance
(ppm/℃)
±5(V)
±10(N)
±25(P)
±50(Q)
±100(R)
Maximum voltage
15V
25V
75V
100V
150V
200V
Operating temperature
−55℃〜125℃
Packaging
5,000pcs
10,000pcs
*Please refer to Page6.


Similar Part No. - RR0816P-153-D

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RR0816P-154-D FUJITSU-RR0816P-154-D Datasheet
380Kb / 36P
   2-ch DC/DC Converter IC
More results

Similar Description - RR0816P-153-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RR0510P-101-D ETC2-RR0510P-101-D Datasheet
390Kb / 1P
   Metal thin film chip resistors (precision)
RR0816P-203-D ETC2-RR0816P-203-D Datasheet
390Kb / 1P
   Metal thin film chip resistors (precision)
RG2012P-2491-B-T5 ETC-RG2012P-2491-B-T5 Datasheet
14Mb / 2P
   Metal thin film chip resistors (Ultra-precision)
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com