Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41727001X2X-3 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # 41727001X2X-3
Description  PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

41727001X2X-3 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button 41727001X2X-3 Datasheet HTML 13Page - List of Unclassifed Manufacturers 41727001X2X-3 Datasheet HTML 14Page - List of Unclassifed Manufacturers 41727001X2X-3 Datasheet HTML 15Page - List of Unclassifed Manufacturers 41727001X2X-3 Datasheet HTML 16Page - List of Unclassifed Manufacturers 41727001X2X-3 Datasheet HTML 17Page - List of Unclassifed Manufacturers 41727001X2X-3 Datasheet HTML 18Page - List of Unclassifed Manufacturers 41727001X2X-3 Datasheet HTML 19Page - List of Unclassifed Manufacturers 41727001X2X-3 Datasheet HTML 20Page - List of Unclassifed Manufacturers 41727001X2X-3 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Page 17 of 36
LED1 – Dual color LED connector for controller status, JST 3-way, S3B-ZR-SM4A
(Mating type : JST ZHR-3)
PIN
DESCRIPTION
1
Green LED pin (anode)
2
LED pin common (cathode)
3
Red LED pin (anode)
LED2 – Dual color LED connector for backlight status, JST 3-way, S3B-ZR-SM4A
(Mating type : JST ZHR-3)
PIN
DESCRIPTION
1
Green LED pin (anode)
2
LED pin common (cathode)
3
Red LED pin (anode)
P1 - Analog VGA input – DB-15 way high density 3 row
PIN
SYMBOL
DESCRIPTION
1
PCR
Red, analog
2
PCG
Green, analog
3
PCB
Blue analog
4
ID2
Reserved for monitor ID bit 2 (grounded)
5
DGND
Digital ground
6
AGND
Analog ground red
7
AGND
Analog ground green
8
AGND
Analog ground blue
9
DDC_5V
+5V power supply for DDC (optional)
10
DGND
Digital ground
11
ID0
Reserved for monitor ID bit 0 (grounded)
12
DDC_SDA
DDC serial data
13
HS_IN
Horizontal sync or composite sync, input
14
VS_IN
Vertical sync, input
15
DDC_SCL
DDC serial clock
P3 – HDMI connector
PIN
SYMBOL
DESCRIPTION
1
DATA2+
TMDS Data2+
2
DATA2S
TMDS Data2 Shield
3
DATA2-
TMDS Data2–
4
DATA1+
TMDS Data1+
5
DATA1S
TMDS Data1 Shield
6
DATA1-
TMDS Data1–
7
DATA0+
TMDS Data0+
8
DATA0S
TMDS Data0 Shield
9
DATA0-
TMDS Data0–
10
CLK+
TMDS Clock+
11
CLK@
TMDS Clock Shield
12
CLK-
TMDS Clock–
13
CEC
CEC
14
NC
No connection
15
SCL
SCL (I²C Serial Clock for DDC)
16
SDA
SDA (I²C Serial Data Line for DDC)
17
CEC/GND
Ground
18
+5V
+5 V Power (max 50 mA)
19
HPDET
Hot Plug Detect


Similar Part No. - 41727001X2X-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
41727 MACOM-41727 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
TE Connectivity Ltd
41727 TEC-41727 Datasheet
63Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
417277-1 MACOM-417277-1 Datasheet
633Kb / 8P
   Fiber Optic Attenuators
417277-2 MACOM-417277-2 Datasheet
633Kb / 8P
   Fiber Optic Attenuators
417277-3 MACOM-417277-3 Datasheet
633Kb / 8P
   Fiber Optic Attenuators
More results

Similar Description - 41727001X2X-3

ManufacturerPart #DatasheetDescription
logo
Digital View Ltd
ALR-1920 DIGITALVIEW-ALR-1920 Datasheet
1Mb / 36P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
logo
List of Unclassifed Man...
41728001X-3 ETC2-41728001X-3 Datasheet
637Kb / 36P
   PC, HDMI, DISPLAY PORT, SDI INTERFACE CONTROLLER FOR TFT PANEL
41721003X-3 ETC2-41721003X-3 Datasheet
1Mb / 67P
   PC, DVI, HDMI, VIDEO INTERFACE CONTROLLER FOR TFT PANEL
41725001X-3 ETC2-41725001X-3 Datasheet
1Mb / 70P
   PC, DVI, HDMI, VIDEO INTERFACE CONTROLLER FOR TFT PANEL
4169900304X-3 ETC2-4169900304X-3 Datasheet
521Kb / 39P
   PC, DVI & VIDEO INTERFACE CONTROLLER FOR TFT PANEL
41696004X-3 ETC2-41696004X-3 Datasheet
643Kb / 50P
   PC, DVI, VIDEO, HD-Component INTERFACE CONTROLLER FOR TFT PANEL
41696005X-3 ETC2-41696005X-3 Datasheet
814Kb / 56P
   PC, DVI, VIDEO, HD Component INTERFACE CONTROLLER FOR TFT PANEL
41696014X-3 ETC2-41696014X-3 Datasheet
636Kb / 50P
   HARSH ENVIRONMENT PC, DVI, VIDEO, HD-Component INTERFACE CONTROLLER FOR TFT PANEL
logo
Crystalfontz America, I...
CFAM800480A0-050R CRYSTAIFONTZ-CFAM800480A0-050R Datasheet
902Kb / 12P
   HDMI TFT LCD DISPLAY
logo
List of Unclassifed Man...
41713002X-3 ETC2-41713002X-3 Datasheet
137Kb / 18P
   DVI-D INTERFACE CONTROLLER FOR 2560x1600 resolution TFT PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com