Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM400DCM17-A000 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DIM400DCM17-A000
Description  IGBT Chopper Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM400DCM17-A000 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DIM400DCM17-A000 Datasheet HTML 1Page - Dynex Semiconductor DIM400DCM17-A000 Datasheet HTML 2Page - Dynex Semiconductor DIM400DCM17-A000 Datasheet HTML 3Page - Dynex Semiconductor DIM400DCM17-A000 Datasheet HTML 4Page - Dynex Semiconductor DIM400DCM17-A000 Datasheet HTML 5Page - Dynex Semiconductor DIM400DCM17-A000 Datasheet HTML 6Page - Dynex Semiconductor DIM400DCM17-A000 Datasheet HTML 7Page - Dynex Semiconductor DIM400DCM17-A000 Datasheet HTML 8Page - Dynex Semiconductor DIM400DCM17-A000 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DIM400DCM17-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
1/11
www.dynexsemi.com
FEATURES
s
10
µs Short Circuit Withstand
s
High Thermal Cycling Capability
s
Non Punch Through Silicon
s
Isolated MMC Base with AlN Substrates
APPLICATIONS
s
Power Supplies
s
Motor Controllers
s
Traction Drives
The Powerline range of high power modules includes half
bridge, chopper, dual and single switch configurations covering
voltages from 600V to 3300V and currents up to 2400A.
The DIM400DCM17-A000 is a 1700V, n channel
enhancement mode, insulated gate bipolar transistor (IGBT)
chopper module.
The IGBT has a wide reverse bias safe
operating area (RBSOA) ensuring reliability in demanding
applications.
This device is optimised for traction drives and
other applications requiring high thermal cycling capability.
The module incorporates an electrically isolated base plate
and low inductance construction enabling circuit designers to
optimise circuit layouts and utilise grounded heat sinks for safety.
ORDERING INFORMATION
Order As:
DIM400DCM17-A000
Note: When ordering, please use the whole part number.
KEY PARAMETERS
V
CES
1700V
V
CE(sat) *
(typ)
2.7V
I
C
(max)
400A
I
C(PK)
(max)
800A
*(measured at the power busbars and not the auxiliary terminals)
DIM400DCM17-A000
IGBT Chopper Module
Replaces September 2001, version DS5490-1.1
DS5490-2.0 March 2002
Fig. 1 Chopper circuit diagram
Fig. 2 Electrical connections - (not to scale)
Outline type code: D
(See package details for further information)
3(C1)
5(E1)
6(G1)
7(C1)
1(E1)
4(E2)
2(C2)


Similar Part No. - DIM400DCM17-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_11 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_15 Datasheet
328Kb / 8P
   IGBT Chopper Module
More results

Similar Description - DIM400DCM17-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_11 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM800DCM12-A000 DYNEX-DIM800DCM12-A000 Datasheet
207Kb / 10P
   IGBT Chopper Module
DIM800DCS12-A000 DYNEX-DIM800DCS12-A000 Datasheet
824Kb / 9P
   IGBT Chopper Module
DIM250PKM33-TL000 DYNEX-DIM250PKM33-TL000 Datasheet
375Kb / 8P
   IGBT Chopper Module
DIM250PLM33-TS000 DYNEX-DIM250PLM33-TS000 Datasheet
410Kb / 8P
   IGBT Chopper Module
logo
Nihon Inter Electronics...
PCFMB75E6 NIEC-PCFMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB200E6 NIEC-PCHMB200E6 Datasheet
262Kb / 4P
   IGBT Module-Chopper
PCHMB75E6 NIEC-PCHMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB150E6 NIEC-PCHMB150E6 Datasheet
333Kb / 4P
   IGBT Module-Chopper
logo
Dynex Semiconductor
DIM800ECM33-F000 DYNEX-DIM800ECM33-F000 Datasheet
884Kb / 8P
   IGBT Chopper Module
DIM250PKM33-TS000 DYNEX-DIM250PKM33-TS000 Datasheet
411Kb / 8P
   IGBT Chopper Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com