Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41696005X-3 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # 41696005X-3
Description  PC, DVI, VIDEO, HD Component INTERFACE CONTROLLER FOR TFT PANEL
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

41696005X-3 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button 41696005X-3 Datasheet HTML 35Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 36Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 37Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 38Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 39Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 40Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 41Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 42Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
39
Set gamma data
for user defined
gamma curve
0xbf, mm, c, “?”
0xbf, “R” | “r”
0xbf, mm, c, nn
Query gamma data for color c
index mm ( c = 0 for color Red,
c=1 for color Green,
c=2 for color Blue)
Set user gamma curve to linear
Set gamma data for color c
index mm. (If c= 3, then gamma
data for red, green & blue will be
set at the same time.)
“nn” = gamma data
“1”
“nn” = gamma data
Backlight control
0xe0,
nn | “+” | “-” |
“R” | “r” |
“?”
Set Backlight =
value/increment/decrement
Reset
Query
Backlight.
Range:
D/A
: “0””0” ~ “1””6”
100Hz : “0””0” ~ “8””A”
120Hz : “0””0” ~ “7””3”
140Hz : “0””0” ~ “6””3”
160Hz : “0””0” ~ “5””6”
180Hz : “0””0” ~ “4””D”
200Hz : “0””0” ~ “4””5”
220Hz : “0””0” ~ “3””E”
240Hz : “0””0” ~ “3””9”
260Hz : “0””0” ~ “3””5”
280Hz : “0””0” ~ “3””1”
300Hz : “0””0” ~ “2””E”
320Hz : “0””0” ~ “2””B”
340Hz : “0””0” ~ “2””8”
360Hz : “0””0” ~ “2””6”
380Hz : “0””0” ~ “2””4”
400Hz : “0””0” ~ “2””2”
420Hz : “0””0” ~ “2””0”
440Hz : “0””0” ~ “1””F”
Backlight On/Off
0xe1,
“0” | “1” |
“R” | “r”
”?”
“S” | “s”
Backlight Off / Backlight On
/Status
“0” – Backlight Off
“1” – Backlight On.
“?” – Backlight On/Off Query
“S”|”s” – Backlight Status Query
Color
Monochrome
mode selection
(Output Channel
Select)
0xe2
“0” | “1” | “2” | “3” |
| “4” | “5” | “6” |
“R” | “r”|
”?”
Off/
Blue Only/
Red Only/
Green Only/
Blue Mono/
Red Mono/
Green Mono/
“0” – Off
“1” – Blue Only
“2” – Red Only
“3” – Green Only
“4” – Blue Mono
“5” – Red Mono
“6” – Green Mono
PIP Swap
0xe3
Swap Main and PIP source
"0" - Fail.
"1" - Successful.
Backlight D/A /
PWM
0xe5
“0” | “1” |
“R” | “r”
”?”
Set : PWM or D/A
Reset
Query
“0” – PWM
“1” – D/A
Backlight PWM
Frequency
0xe6,
nnn | “+” | “-” |
“R” | “r” |
“?”
Set Backlight PWM Frequency =
value/increment/decrement
Reset
Query
+/- 20Hz
Value
100Hz : “0”,”6”,”4”
120Hz : “0”,”7”,”8”
140Hz : “0”,”8”,”C”
160Hz : “0”,”A”,”0”
180Hz : “0”,”B”,”4”’
200Hz : “0”,”C”,”8”
220Hz : “0”,”D”,”C”
240Hz : “0”,”F”,”0”
260Hz : “1”,”0”,”4”
280Hz : “1”,”1”,”8”
300Hz : “1”,”2”,”C”
320Hz : “1”,”4”,”0”
340Hz : “1”,”5”,”4”


Similar Part No. - 41696005X-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41696004X-3 ETC2-41696004X-3 Datasheet
643Kb / 50P
   PC, DVI, VIDEO, HD-Component INTERFACE CONTROLLER FOR TFT PANEL
More results

Similar Description - 41696005X-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41696004X-3 ETC2-41696004X-3 Datasheet
643Kb / 50P
   PC, DVI, VIDEO, HD-Component INTERFACE CONTROLLER FOR TFT PANEL
41696014X-3 ETC2-41696014X-3 Datasheet
636Kb / 50P
   HARSH ENVIRONMENT PC, DVI, VIDEO, HD-Component INTERFACE CONTROLLER FOR TFT PANEL
4169900304X-3 ETC2-4169900304X-3 Datasheet
521Kb / 39P
   PC, DVI & VIDEO INTERFACE CONTROLLER FOR TFT PANEL
41725001X-3 ETC2-41725001X-3 Datasheet
1Mb / 70P
   PC, DVI, HDMI, VIDEO INTERFACE CONTROLLER FOR TFT PANEL
41721003X-3 ETC2-41721003X-3 Datasheet
1Mb / 67P
   PC, DVI, HDMI, VIDEO INTERFACE CONTROLLER FOR TFT PANEL
41713002X-3 ETC2-41713002X-3 Datasheet
137Kb / 18P
   DVI-D INTERFACE CONTROLLER FOR 2560x1600 resolution TFT PANEL
logo
Digital View Ltd
ALR-1920 DIGITALVIEW-ALR-1920 Datasheet
1Mb / 36P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
logo
List of Unclassifed Man...
41727001X2X-3 ETC2-41727001X2X-3 Datasheet
673Kb / 37P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
41728001X-3 ETC2-41728001X-3 Datasheet
637Kb / 36P
   PC, HDMI, DISPLAY PORT, SDI INTERFACE CONTROLLER FOR TFT PANEL
logo
Schneider Electric
HMIYINDVIRGB11 SCHNEIDER-HMIYINDVIRGB11 Datasheet
118Kb / 1P
   Additional DVI interface for Box PC
Aug 10, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com