Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41696005X-3 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 41696005X-3
Description  PC, DVI, VIDEO, HD Component INTERFACE CONTROLLER FOR TFT PANEL
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

41696005X-3 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 41696005X-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 11Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 12Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 13Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 14Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 15Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 16Page - List of Unclassifed Manufacturers 41696005X-3 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
13
LED1
Dual color LED connector
Header pin 3x1
P1
VGA analog input
DB-15 way high density 3 row
P2
DVI-D or HD-Component input
DVI-I connector
PP2/PP3
Power input (alternative)
DC power Molex 2 pin 0.156” pitch
PP4
External panel power input
Molex 43045-0400 compatible
(Matching connector type : Molex 43025-0400 compatible)
(Matching power cable : P/N 426013700-3)
PP5
Power input
Molex 43650-0200 compatible
(Matching connector type : Molex 43645-0200 compatible)
(Matching power cable : P/N 426013800-3)
S1
LVDS / TTL panel selection
10 way DIP Switch
S2
LVDS / TTL panel selection
10 way DIP Switch
SW3
Panel selection
8-way DIP Switch
SW4
Function selection
6-way DIP Switch


Similar Part No. - 41696005X-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41696004X-3 ETC2-41696004X-3 Datasheet
643Kb / 50P
   PC, DVI, VIDEO, HD-Component INTERFACE CONTROLLER FOR TFT PANEL
More results

Similar Description - 41696005X-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41696004X-3 ETC2-41696004X-3 Datasheet
643Kb / 50P
   PC, DVI, VIDEO, HD-Component INTERFACE CONTROLLER FOR TFT PANEL
41696014X-3 ETC2-41696014X-3 Datasheet
636Kb / 50P
   HARSH ENVIRONMENT PC, DVI, VIDEO, HD-Component INTERFACE CONTROLLER FOR TFT PANEL
4169900304X-3 ETC2-4169900304X-3 Datasheet
521Kb / 39P
   PC, DVI & VIDEO INTERFACE CONTROLLER FOR TFT PANEL
41725001X-3 ETC2-41725001X-3 Datasheet
1Mb / 70P
   PC, DVI, HDMI, VIDEO INTERFACE CONTROLLER FOR TFT PANEL
41721003X-3 ETC2-41721003X-3 Datasheet
1Mb / 67P
   PC, DVI, HDMI, VIDEO INTERFACE CONTROLLER FOR TFT PANEL
41713002X-3 ETC2-41713002X-3 Datasheet
137Kb / 18P
   DVI-D INTERFACE CONTROLLER FOR 2560x1600 resolution TFT PANEL
logo
Digital View Ltd
ALR-1920 DIGITALVIEW-ALR-1920 Datasheet
1Mb / 36P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
logo
List of Unclassifed Man...
41727001X2X-3 ETC2-41727001X2X-3 Datasheet
673Kb / 37P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
41728001X-3 ETC2-41728001X-3 Datasheet
637Kb / 36P
   PC, HDMI, DISPLAY PORT, SDI INTERFACE CONTROLLER FOR TFT PANEL
logo
Schneider Electric
HMIYINDVIRGB11 SCHNEIDER-HMIYINDVIRGB11 Datasheet
118Kb / 1P
   Additional DVI interface for Box PC
Aug 10, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com