Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4260518-01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 4260518-01
Description  INVERTER CABLE PHR5/XHP-4,5, 300mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4260518-01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4260518-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4260518-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Date:
December 13, 2000 Sheet
1 of
1
Size Document Number
REV
A
(G:...\DV\DV_CABLE\C6051801.SCH)
01
Title
INVERTER CABLE:PHR5/XHP-4,5, 300mm
DRAWN BY: ADRIAN LEE
CONFIDENTIAL
COPYRIGHT 1998, ALL RIGHTS RESERVED
DIGITAL VIEW LTD.
00 -> 01
NOTE FOR VERSION CHANGE:
- CORRECTED CONNECTORS
REFERENCE NAME
HS1
CABLE TIE WITH P/N TAG
HS2,3
CABLE LENGTH = 300mm +10/-5mm
WIRE:
WIRE LENGTH TO 60mm
- CHANGED HS2.5 TO HS3.2
- STATED HS1 MUST USE JST
UL1007 AWG24 RED
UL1007 AWG24 WHITE
HS2 PIN 2:
OTHERS:
SIDE
CONTROLLER
GND
+12V
BLCTRL
BVR_WIP
BVR_A
1
2
3
4
5
HS2
XHP-5
JST
INVERTER SIDE
PANEL
Vrmt
5
4
*
HS1
PHR-5
JST
3
2
1
Vin
GND
Vbr
Vbr: 0-5V (0V = Max. brite)
Vin: 8-20V (12V typ.)
60mm
NOT INCLUDED)
(HOUSING LENGTH
1
2
3
4
HS3
XHP-4
JST
REMARK:
Vrmt: 0/5V (5V = On)
CN1: MUST USE JST PHR-5 CONNECTOR
(NO COMPATIBLE)
*
CN2 AND 3: CAN BE COMPATIBLE PART
(TESTED BY CUSTOMER)
SUITABLE INVERTER:
CXA-0190
CXA-0240 (TESTED)
CXA-0231
SI-8390D-02
INVERTER CABLE PHR5/XHP-4,5, 300mm
CABLE P/N: 4260518-01


Similar Part No. - 4260518-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
426050300-3 ETC2-426050300-3 Datasheet
10Kb / 2P
   CABLE: CABLE-JST XHP 5WAY, 300mm
426052000-3 ETC2-426052000-3 Datasheet
12Kb / 2P
   INVERTER CABLE: LXM1641-01, 300mm
426058300-3 ETC2-426058300-3 Datasheet
9Kb / 2P
   INVERTER CABLE: XHP-5/SOLDER END, 300mm
4260589-00 ETC2-4260589-00 Datasheet
13Kb / 2P
   INVERTER CABLE PHR14/XHP-5, 460mm
More results

Similar Description - 4260518-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4260402-00 ETC2-4260402-00 Datasheet
12Kb / 2P
   INVERTER CABLE: XHP-4/SOLDER END, 300mm
426058300-3 ETC2-426058300-3 Datasheet
9Kb / 2P
   INVERTER CABLE: XHP-5/SOLDER END, 300mm
426050300-3 ETC2-426050300-3 Datasheet
10Kb / 2P
   CABLE: CABLE-JST XHP 5WAY, 300mm
4260589-00 ETC2-4260589-00 Datasheet
13Kb / 2P
   INVERTER CABLE PHR14/XHP-5, 460mm
426052000-3 ETC2-426052000-3 Datasheet
12Kb / 2P
   INVERTER CABLE: LXM1641-01, 300mm
logo
PHOENIX CONTACT
1690493 PHOENIX-1690493 Datasheet
66Kb / 4P
   Cable gland - HC-EMV-KV-M16(4,5-9)
logo
Molex Electronics Ltd.
2181110503 MOLEX-2181110503 Datasheet
82Kb / 1P
   5 CIRCUIT PICOBLADE P:BLUNT CABLE 300MM
2021/03/26
logo
List of Unclassifed Man...
R-134G7210300CB ETC2-R-134G7210300CB Datasheet
170Kb / 1P
   Cable Assembly U.FL - SMA, RP, 300mm
logo
Molex Electronics Ltd.
2181100403 MOLEX-2181100403 Datasheet
84Kb / 1P
   4 CIRCUIT PICOBLADE P:P CABLE 300MM
2021/03/26
2181130203 MOLEX-2181130203 Datasheet
85Kb / 1P
   2 CIRCUIT PICOBLADE R:P CABLE 300MM
2021/03/26
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com