Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DGT409BCA Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # DGT409BCA
Description  Reverse Blocking Gate Turn-off Thyristor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DGT409BCA Datasheet(HTML) 3 Page - Dynex Semiconductor

  DGT409BCA Datasheet HTML 1Page - Dynex Semiconductor DGT409BCA Datasheet HTML 2Page - Dynex Semiconductor DGT409BCA Datasheet HTML 3Page - Dynex Semiconductor DGT409BCA Datasheet HTML 4Page - Dynex Semiconductor DGT409BCA Datasheet HTML 5Page - Dynex Semiconductor DGT409BCA Datasheet HTML 6Page - Dynex Semiconductor DGT409BCA Datasheet HTML 7Page - Dynex Semiconductor DGT409BCA Datasheet HTML 8Page - Dynex Semiconductor DGT409BCA Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DGT409BCA
3/11
THERMAL RATINGS AND MECHANICAL DATA
Symbol
Parameter
Conditions
Max.
Min.
R
th(c-hs)
Contact thermal resistance
R
th(j-hs)
-
-
0.124
-
0.009
oC/W
per contact
Cathode side cooled
Double side cooled
Units
-
0.046
oC/W
Anode side cooled
oC/W
0.073
Virtual junction temperature
T
OP/Tstg
Operating junction/storage temperature range
-
Clamping force
-
115
15.0
11.0
-40
kN
oC/W
Clamping force 12.0kN
With mounting compound
DC thermal resistance - junction to heatsink
surface
T
vj
115
oC
oC
CHARACTERISTICS
Conditions
Peak reverse current
On-state voltage
V
TM
Peak off-state current
Reverse gate cathode current
50
-
Turn-on energy
Gate trigger current
Delay time
Rise time
Fall time
Gate controlled turn-off time
Turn-off energy
Storage time
Turn-off gate charge
Total turn-off gate charge
Peak reverse gate current
-
3600
V
RGM = 16V, No gate/cathode resistor
µC
I
T = 800A, VDM = 3000V
Snubber Cap C
S = 2µF,
di
GQ/dt = 20A/µs
T
j = 115
oC unless stated otherwise
Symbol
Parameter
I
DM
I
RRM
V
GT
Gate trigger voltage
I
GT
I
RGM
E
ON
t
d
t
r
E
OFF
t
gs
t
gf
t
gq
Q
GQ
Q
GQT
I
GQM
Min.
Max.
Units
-4
V
V
DRM = 6500V,
V
RG = 0V
-
100
mA
At V
RRM = 6500V
-
100
mA
V
D = 24V, IT = 100A, Tj = 25
oC-
1
V
V
D = 24V, IT = 100A, Tj = 25
oC-
2
A
mA
mJ
2500
-
V
D = 3000V
I
T = 400A, dIT/dt = 150A/µs
I
FG = 20A, tr < 1.5µs
µs
3
-
-7
µs
-
2500
mJ
µs
µs
µs
-
7200
µC
-
350
A
At 200A peak, I
G(ON) = 4A d.c.
See Figs. 16 and 17
See Figs. 16 and 17
See Figs. 16 and 17


Similar Part No. - DGT409BCA

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DGT409BCA DYNEX-DGT409BCA Datasheet
145Kb / 11P
   Reverse Blocking Gate Turn-off Thyristor
DGT409BCA6565 DYNEX-DGT409BCA6565 Datasheet
145Kb / 11P
   Reverse Blocking Gate Turn-off Thyristor
DGT409BCA DYNEX-DGT409BCA_07 Datasheet
145Kb / 11P
   Reverse Blocking Gate Turn-off Thyristor
More results

Similar Description - DGT409BCA

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DGT304RE DYNEX-DGT304RE_15 Datasheet
336Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT304RE DYNEX-DGT304RE Datasheet
462Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT305RE DYNEX-DGT305RE Datasheet
309Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT304RE DYNEX-DGT304RE_04 Datasheet
277Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT409BCA DYNEX-DGT409BCA_07 Datasheet
145Kb / 11P
   Reverse Blocking Gate Turn-off Thyristor
DGT305RE DYNEX-DGT305RE_15 Datasheet
368Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT408BRP DYNEX-DGT408BRP Datasheet
170Kb / 6P
   Reverse Blocking Gate Turn-off Thyristor Target Information
DG858DW45 DYNEX-DG858DW45 Datasheet
48Kb / 7P
   Gate Turn-Off Thyristor
DG408BP45 DYNEX-DG408BP45 Datasheet
223Kb / 19P
   Gate Turn-off Thyristor
DG758BX45 DYNEX-DG758BX45_15 Datasheet
237Kb / 19P
   Gate Turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com