Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DGT304RE Datasheet(PDF) 1 Page - Dynex Semiconductor

Part No. DGT304RE
Description  Reverse Blocking Gate Turn-off Thyristor
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DYNEX [Dynex Semiconductor]
Homepage  http://www.dynexsemi.com
Logo 

DGT304RE Datasheet(HTML) 1 Page - Dynex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DGT304RE
1/14
www.dynexsemi.com
FEATURES
s
Reverse Blocking Capability
s
Double Side Cooling
s
High Reliability In Service
s
High Voltage Capability
s
Fault Protection Without Fuses
s
High Surge Current Capability
s
Turn-off Capability Allows Reduction In Equipment
Size And Weight. Low Noise Emission Reduces
Acoustic Cladding Necessary For Environmental
Requirements
APPLICATIONS
s
Variable speed A.C. motor drive inverters (VSD-AC)
s
Uninterruptable Power Supplies
s
High Voltage Converters
s
Choppers
s
Welding
s
Induction Heating
s
DC/DC Converters
KEY PARAMETERS
I
TCM
700A
V
DRM
/V
RRM
1300V
I
T(AV)
250A
dV
D
/dt
500V/
µs
di
T
/dt
500A/
µs
VOLTAGE RATINGS
1300
DGT304RE13
Conditions
Type Number
T
vj = 125
oC, I
DM = 50mA,
I
RRM = 50mA, VRG = 2V
Repetitive Peak Reverse Voltage
V
RRM
V
1300
DGT304RE
Reverse Blocking Gate Turn-off Thyristor
DS5518-2.1 February 2002
Fig. 1 Package outline
Outline type code: E
(See Package Details for further information)
Repetitive Peak Off-state
Voltage
V
DRM
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn