Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DG858BW45 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part No. DG858BW45
Description  Gate Turn-off Thyristor
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DYNEX [Dynex Semiconductor]
Homepage  http://www.dynexsemi.com
Logo 

DG858BW45 Datasheet(HTML) 5 Page - Dynex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DG858BW45
5/19
0
2.0
4.0
6.0
Snubber capacitance C
s - (µF)
1000
2000
4000
3000
Conditions:
T
j = 125˚C,
V
DM = VDRM
dI
GQ/dt = 40A/µs
1.0
3.0
5.0
3500
2500
1500
Figure 4. Maximum dependence of I
TCM
on Cs
0
0.005
0.010
0.015
0.001
0.01
0.1
1.0
10
Time - (s)
dc
100
Figure 5. Maximum (limit) transient thermal impedance - double side cooled
0
10
20
30
0.0001
0.001
0.01
0.1
1.0
Pulse duration - (s)
40
50
Figure 6. Surge (non-repetitive) on-state current vs time


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DG306AE25Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DG406BP25Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DG408BP45Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DG646BH25Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
GDM20830Gate Turn-off GTO Thyristor Module 1 2 3 4 5 MorePowerex Power Semiconductors
DG648BH45Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DG758BX45Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
GCU08AA-130GATE COMMUTATED TURN-OFF THYRISTOR UNIT HIGH POWER INVERTER USE 1 2 3 4 5 MorePowerex Power Semiconductors
DG858DW45Gate Turn-Off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DGT304REReverse Blocking Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn