Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFG16S400F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SFG16S400F
Description  16.0 Amp Super Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SFG16S400F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SFG16S400F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SFG16S400F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SFG16S200F~SFG16S600F
Voltage 200V ~ 600V
16.0 Amp Super Fast Recovery Rectifier
Elektronische Bauelemente
18-Oct-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
1
1
1
2
2
2
2
RoHS Compliant Product
A suffix of “-C” specifies and halogen free
FEATURES
Fast switching for high efficiency
Low forward voltage drop
High current capability
Low reverse leakage current
High surge current capability
MECHANICAL DATA
Case:Molded plastic TO-220A
Epoxy:UL 94V-0 rate flame retardant
Terminals:Solderable per MIL-STD-202
method 208
Polarity:Color band denotes cathode
Mounting position:Any
Weight:1.73 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameters
Symbol
Part Number
Unit
SFG16S200F
SFG16S400F
SFG16S600F
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
V
Maximum RMS Voltage
VRMS
140
280
420
V
Maximum DC Blocking Voltage
VDC
200
400
600
V
Maximum Average Forward Rectified
Current TC=100°C
IF(AV)
16
A
Peak Forward Surge Current,8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)
IFSM
250
A
Maximum Instantaneous Forward Voltage @ 16A
VF
0.975
1.3
1.7
V
Maximum DC Reverse Current At
Rated DC Blocking Voltage
TJ=25°C
IR
10
µA
TJ=125°C
250
Maximum Reverse Recovery Time
1
TRR
35
nS
Typical Junction Capacitance
2
CJ
130
pF
Typical Thermal Resistance
3
RθJC
4
°C W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Notes:
1.
Reverse recovery test conditions IF= 0.5A, IR= 1.0A, IRR= 0.25A.
2.
Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
3.
Thermal Resistance junction to case.
ITO-220A
2
1
3
A
M
J
K
L
L
G
F
B
N
D
E
C
H
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
14.70
15.30
H
3.50
5.30
B
9.50
10.50
J
1.10
1.50
C
12.40
14.30
K
0.50
0.90
D
4.30
4.70
L
2.44
2.64
E
2.50
3.20
M
2.50
2.90
F
2.40
2.9
N
φ 3.1
φ 3.58
G
0.30
0.70


Similar Part No. - SFG16S400F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFG16S400 SECOS-SFG16S400 Datasheet
212Kb / 2P
   16.0 Amp Super Fast Recovery Rectifier
More results

Similar Description - SFG16S400F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SF16ED60F SECOS-SF16ED60F Datasheet
209Kb / 2P
   16.0 Amp Super Fast Recovery Rectifier
SFG16S200 SECOS-SFG16S200 Datasheet
212Kb / 2P
   16.0 Amp Super Fast Recovery Rectifier
SF16ED60 SECOS-SF16ED60 Datasheet
214Kb / 2P
   16.0 Amp Super Fast Recovery Rectifier
logo
UNIOHM CORPORATION
SF161 UNIOHM-SF161 Datasheet
75Kb / 2P
   16.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
FR1601 FORMOSA-FR1601 Datasheet
37Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
Bytes
FR1601 BYTES-FR1601 Datasheet
160Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
FR1601CT GWSEMI-FR1601CT Datasheet
71Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR1605-2C16A-2CTO-220AB DGNJDZ-FR1605-2C16A-2CTO-220AB Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
FR1601 UNIOHM-FR1601 Datasheet
71Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
Bytes
SF161 BYTES-SF161 Datasheet
167Kb / 2P
   16.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com