Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DG648BH45 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part No. DG648BH45
Description  Gate Turn-off Thyristor
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DYNEX [Dynex Semiconductor]
Homepage  http://www.dynexsemi.com
Logo 

DG648BH45 Datasheet(HTML) 3 Page - Dynex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DG648BH45
3/19
CHARACTERISTICS
Conditions
Peak reverse current
On-state voltage
V
TM
Peak off-state current
Reverse gate cathode current
50
-
Turn-on energy
Gate trigger current
Delay time
Rise time
Fall time
Gate controlled turn-off time
Turn-off energy
Storage time
Turn-off gate charge
Total turn-off gate charge
Peak reverse gate current
-
6000
V
RGM = 16V, No gate/cathode resistor
µC
I
T = 2000A, VDM = VDRM
Snubber Cap Cs = 2.0
µF,
di
GQ/dt = 40A/µs
T
j = 125
oC unless stated otherwise
Symbol
Parameter
I
DM
I
RRM
V
GT
Gate trigger voltage
I
GT
I
RGM
E
ON
t
d
t
r
E
OFF
t
gs
t
gf
t
gq
Q
GQ
Q
GQT
I
GQM
Min.
Max.
Units
-
3.2
V
V
DRM = 4500V,
V
RG = 0V
-
100
mA
At V
RRM
-50
mA
V
D = 24V, IT = 100A, Tj = 25
oC
-
1.0
V
V
D = 24V, IT = 100A, Tj = 25
oC
-
3.0
A
mA
mJ
3170
-
V
D = 3000V
I
T = 2000A, dIT/dt = 300A/µs
I
FG = 30A, rise time < 1.0µs
µs
1.35
-
-
3.2
µs
-
10000
mJ
-
20.0
µs
µs
2.0
-
µs
22.0
-
-
12000
µC
-
690
A
At 2000A peak, I
G(ON) = 7A d.c.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DG306AE25Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DG406BP25Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DG408BP45Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DG646BH25Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
GDM20830Gate Turn-off GTO Thyristor Module 1 2 3 4 5 MorePowerex Power Semiconductors
DG758BX45Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DG858BW45Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
GCU08AA-130GATE COMMUTATED TURN-OFF THYRISTOR UNIT HIGH POWER INVERTER USE 1 2 3 4 5 MorePowerex Power Semiconductors
DG858DW45Gate Turn-Off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DGT304REReverse Blocking Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn