Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG648BH45 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # DG648BH45
Description  Gate Turn-off Thyristor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DG648BH45 Datasheet(HTML) 2 Page - Dynex Semiconductor

  DG648BH45 Datasheet HTML 1Page - Dynex Semiconductor DG648BH45 Datasheet HTML 2Page - Dynex Semiconductor DG648BH45 Datasheet HTML 3Page - Dynex Semiconductor DG648BH45 Datasheet HTML 4Page - Dynex Semiconductor DG648BH45 Datasheet HTML 5Page - Dynex Semiconductor DG648BH45 Datasheet HTML 6Page - Dynex Semiconductor DG648BH45 Datasheet HTML 7Page - Dynex Semiconductor DG648BH45 Datasheet HTML 8Page - Dynex Semiconductor DG648BH45 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DG648BH45
2/19
SURGE RATINGS
Conditions
16.0
1.28 x 106
kA
A2s
Surge (non-repetitive) on-state current
I2t for fusing
10ms half sine. T
j = 125
oC
10ms half sine. T
j =125
oC
di
T/dt
Critical rate of rise of on-state current
300
175
V/
µs
Max.
Units
Rate of rise of off-state voltage
dV
D/dt
1000
V/
µs
To 66% V
DRM; VRG = -2V, Tj = 125
oC
I
TSM
Symbol
Parameter
I2t
V
D = 4500V, IT = 2000A, Tj = 125
oC, I
FG > 30A,
Rise time > 1.0
µs
A/
µs
To 66% V
DRM; RGK ≤ 1.5Ω, Tj = 125
oC
GATE RATINGS
Symbol
Parameter
Conditions
V
Units
Max.
16
15
Min.
-
20
-
Peak reverse gate voltage
Peak forward gate current
Average forward gate power
Peak reverse gate power
Rate of rise of reverse gate current
Minimum permissable on time
Minimum permissable off time
19
60
-
50
30
-
-
µs
100
100
V
RGM
This value maybe exceeded during turn-off
I
FGM
P
FG(AV)
P
RGM
di
GQ/dt
t
ON(min)
t
OFF(min)
µs
A/
µs
kW
W
A
THERMAL RATINGS AND MECHANICAL DATA
Symbol
Parameter
Conditions
Max.
Min.
R
th(c-hs)
Contact thermal resistance
R
th(j-hs)
-
-
0.045
-
0.006
oC/W
per contact
Cathode side cooled
Double side cooled
Units
-
0.018
oC/W
Anode side cooled
oC/W
0.03
Virtual junction temperature
T
OP/Tstg
Operating junction/storage temperature range
-
Clamping force
-
125
22.0
18.0
-40
kN
oC/W
Clamping force 20.0kN
With mounting compound
DC thermal resistance - junction to heatsink
surface
T
vj
125
oC
oC
-
-
L
S
Peak stray inductance in snubber circuit
nH
200
I
T = 2000A, VDM = 4500V, Tj = 125˚C,
di
GQ/dt = 40A/µs, Cs = 2.0µF


Similar Part No. - DG648BH45

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DG648BH45 DYNEX-DG648BH45_15 Datasheet
177Kb / 18P
   Gate Turn-off Thyristor
More results

Similar Description - DG648BH45

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DG858DW45 DYNEX-DG858DW45 Datasheet
48Kb / 7P
   Gate Turn-Off Thyristor
DG408BP45 DYNEX-DG408BP45 Datasheet
223Kb / 19P
   Gate Turn-off Thyristor
DG758BX45 DYNEX-DG758BX45_15 Datasheet
237Kb / 19P
   Gate Turn-off Thyristor
logo
ABB
5SGA20H2501 ABB-5SGA20H2501 Datasheet
313Kb / 9P
   Gate turn-off Thyristor
logo
Dynex Semiconductor
DG406BP25 DYNEX-DG406BP25_05 Datasheet
197Kb / 19P
   Gate Turn-off Thyristor
logo
Power Semiconductors
ATG778 POSEICO-ATG778 Datasheet
44Kb / 2P
   GATE TURN-OFF THYRISTOR
logo
ABB
5SGA25H2501 ABB-5SGA25H2501 Datasheet
113Kb / 9P
   Gate turn-off Thyristor
5SGF30J4502 ABB-5SGF30J4502 Datasheet
303Kb / 9P
   Gate turn-off Thyristor
logo
Dynex Semiconductor
DG306AE25 DYNEX-DG306AE25 Datasheet
217Kb / 19P
   Gate Turn-off Thyristor
DG406BP25 DYNEX-DG406BP25 Datasheet
217Kb / 19P
   Gate Turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com