Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DG408BP45 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part No. DG408BP45
Description  Gate Turn-off Thyristor
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DYNEX [Dynex Semiconductor]
Homepage  http://www.dynexsemi.com
Logo 

DG408BP45 Datasheet(HTML) 4 Page - Dynex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DG408BP45
4/19
CURVES
-50
-25
0
25
50
75
100
125
150
Junction temperature T
j - (˚C)
0
1.0
2.0
3.0
4.0
0
0.5
1.0
1.5
2.0
I
GT
V
GT
1.0
2.0
3.0
4.0
5.0
Instantaneous on-state voltage V
TM - (V)
0
0.5
1.0
1.5
2.0
Measured under pulse conditions.
I
G(ON) = 4.0A
Half sine wave 10ms
T
j = 125˚C
T
j = 25˚C
0.25
0.50
1.00
1.5
2.0
Snubber capacitance C
S - (µF)
0
0.5
1.0
1.5
Conditions:
T
j = 125˚C, VDM = VDRM,
dI
GQ/dt = 30A/µs
0.75
1.25
1.75
Fig.1 Maximum gate trigger voltage/current vs junction temperature
Fig.2 On-state characteristics
Fig.3 Maximum dependence of I
TCM
on C
S


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DG306AE25Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DG406BP25Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DG646BH25Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DG648BH45Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
GDM20830Gate Turn-off GTO Thyristor Module 1 2 3 4 5 MorePowerex Power Semiconductors
DG758BX45Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DG858BW45Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
GCU08AA-130GATE COMMUTATED TURN-OFF THYRISTOR UNIT HIGH POWER INVERTER USE 1 2 3 4 5 MorePowerex Power Semiconductors
DG858DW45Gate Turn-Off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DGT304REReverse Blocking Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn