Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DG306AE25 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part No. DG306AE25
Description  Gate Turn-off Thyristor
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DYNEX [Dynex Semiconductor]
Homepage  http://www.dynexsemi.com
Logo 

DG306AE25 Datasheet(HTML) 4 Page - Dynex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DG306AE25
4/19
CURVES
-50
-25
0
25
50
75
100
125
0.5
1.0
1.5
2.0
2.0
1.5
1.0
0.5
0
Junction temperature Tj - (˚C)
VGT
IGT
0
Fig.1 Gate trigger voltage/curremt vs junction temperature
1.0
2.0
3.0
4.0
5.0
Instantaneous on-state voltage - (V)
500
1000
1500
2000
Tj = 125˚C
Tj = 25˚C
Measured under pulse
conditions
IG(ON) = 2A
Half sine wave 10ms
0
6.0
0
Fig.2 Maximum limit on-state characteristics


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DG406BP25Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DG408BP45Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DG646BH25Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DG648BH45Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
GDM20830Gate Turn-off GTO Thyristor Module 1 2 3 4 5 MorePowerex Power Semiconductors
DG758BX45Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DG858BW45Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
GCU08AA-130GATE COMMUTATED TURN-OFF THYRISTOR UNIT HIGH POWER INVERTER USE 1 2 3 4 5 MorePowerex Power Semiconductors
DG858DW45Gate Turn-Off Thyristor 1 2 3 4 5 MoreDynex Semiconductor
DGT304REReverse Blocking Gate Turn-off Thyristor 1 2 3 4 5 MoreDynex Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn