Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ440A Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # SMAJ440A
Description  Surface Mount Transient Voltage Suppressors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SMAJ440A Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  SMAJ440A Datasheet HTML 1Page - Cystech Electonics Corp. SMAJ440A Datasheet HTML 2Page - Cystech Electonics Corp. SMAJ440A Datasheet HTML 3Page - Cystech Electonics Corp. SMAJ440A Datasheet HTML 4Page - Cystech Electonics Corp. SMAJ440A Datasheet HTML 5Page - Cystech Electonics Corp. SMAJ440A Datasheet HTML 6Page - Cystech Electonics Corp. SMAJ440A Datasheet HTML 7Page - Cystech Electonics Corp. SMAJ440A Datasheet HTML 8Page - Cystech Electonics Corp. SMAJ440A Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C290SA
Issued Date : 2010.01.19
Revised Date : 2013.05.07
Page No. : 3/9
SMAJ5.0 thru SMAJ440CA
CYStek Product Specification
Electrical Characteristics(Cont.)
Part Number
Device
Marking
Code
Breakdown
Voltage
VBR @ IT
(V)
UNI
BI
UNI
BI
Min
Max
Test
current
at IT
(mA)
Reverse
standoff
voltage
VRWM
(V)
Maximum
reverse
leakage at
VRWM
IR
(
μA)
Maximum
peak pulse
Current
IPPM
(A)
Maximum
clamping
voltage at
IPPM
VC
(V)
SMAJ26
SMAJ26C
CD
YD
28.9
35.3
1.0
26
5.0
8.6
46.6
SMAJ26A
SMAJ26CA
CE
YE
28.9
31.9
1.0
26
5.0
9.5
42.1
SMAJ28
SMAJ28C
CF
YF
31.1
38.0
1.0
28
5.0
8.0
50.0
SMAJ28A
SMAJ28CA
CG
YG
31.1
34.4
1.0
28
5.0
8.8
45.4
SMAJ30
SMAJ30C
CH
YH
33.3
40.7
1.0
30
5.0
7.5
53.5
SMAJ30A
SMAJ30CA
CK
YK
33.3
36.8
1.0
30
5.0
8.3
48.4
SMAJ33
SMAJ33C
CL
YL
36.7
44.9
1.0
33
5.0
6.8
59.0
SMAJ33A
SMAJ33CA
CM
YM
36.7
40.6
1.0
33
5.0
7.5
53.3
SMAJ36
SMAJ36C
CN
YN
40.0
48.9
1.0
36
5.0
6.2
64.3
SMAJ36A
SMAJ36CA
CP
YP
40.4
44.2
1.0
36
5.0
6.9
58.1
SMAJ40
SMAJ40C
CQ
YQ
44.4
54.3
1.0
40
5.0
5.6
71.4
SMAJ40A
SMAJ40CA
CR
YR
44.4
49.1
1.0
40
5.0
6.2
64.5
SMAJ43
SMAJ43C
CS
YS
47.8
58.4
1.0
43
5.0
5.2
76.7
SMAJ43A
SMAJ43CA
CT
YT
47.8
52.8
1.0
43
5.0
5.8
69.4
SMAJ45
SMAJ45C
CU
YU
50.0
61.1
1.0
45
5.0
5.0
80.3
SMAJ45A
SMAJ45CA
CV
YV
50.0
55.3
1.0
45
5.0
5.5
72.7
SMAJ48
SMAJ48C
CW
YW
53.3
65.1
1.0
48
5.0
4.7
85.5
SMAJ48A
SMAJ48CA
CX
YX
53.3
58.9
1.0
48
5.0
5.2
77.4
SMAJ51
SMAJ51C
CY
YY
56.7
69.3
1.0
51
5.0
4.4
91.1
SMAJ51A
SMAJ51CA
CZ
YZ
56.7
62.7
1.0
51
5.0
4.9
82.4
SMAJ54
SMAJ54C
RD
ZD
60.0
73.3
1.0
54
5.0
4.2
96.3
SMAJ54A
SMAJ54CA
RE
ZE
60.0
66.3
1.0
54
5.0
4.6
87.1
SMAJ58
SMAJ58C
RF
ZF
64.4
78.7
1.0
58
5.0
3.9
103
SMAJ58A
SMAJ58CA
RG
ZG
64.4
71.2
1.0
58
5.0
4.3
93.6
SMAJ60
SMAJ60C
RH
ZH
66.7
81.5
1.0
60
5.0
3.7
107
SMAJ60A
SMAJ60CA
RK
ZK
66.7
73.7
1.0
60
5.0
4.1
96.8
SMAJ64
SMAJ64C
RL
ZL
71.1
86.9
1.0
64
5.0
3.5
114
SMAJ64A
SMAJ64CA
RM
ZM
71.1
78.6
1.0
64
5.0
3.9
103
SMAJ70
SMAJ70C
RN
ZN
77.8
95.1
1.0
70
5.0
3.2
125
SMAJ70A
SMAJ70CA
RP
ZP
77.8
86.0
1.0
70
5.0
3.5
113
SMAJ75
SMAJ75C
RQ
ZQ
83.3
102
1.0
75
5.0
3.0
134
SMAJ75A
SMAJ75CA
RR
ZR
83.3
92.1
1.0
75
5.0
3.3
121
SMAJ78
SMAJ78C
RS
ZS
86.7
106
1.0
78
5.0
2.9
139
SMAJ78A
SMAJ78CA
RT
ZT
86.7
95.8
1.0
78
5.0
3.2
126
SMAJ80
SMAJ80C
RA
ZA
88.8
109
1.0
80
5.0
2.8
143
SMAJ80A
SMAJ80CA
RB
ZB
88.8
98
1.0
80
5.0
3.1
130
SMAJ85
SMAJ85C
RU
ZU
94.4
115
1.0
85
5.0
2.0
151
SMAJ85A
SMAJ85CA
RV
ZV
94.4
104
1.0
85
5.0
2.2
137
SMAJ90
SMAJ90C
RW
ZW
100
122
1.0
90
5.0
1.9
160
SMAJ90A
SMAJ90CA
RX
ZX
100
111
1.0
90
5.0
2.1
146
SMAJ100
SMAJ100C
RY
ZY
111
136
1.0
100
5.0
1.7
179
SMAJ100A
SMAJ100CA
RZ
ZZ
111
123
1.0
100
5.0
1.9
162


Similar Part No. - SMAJ440A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMAJ440A SOCAY-SMAJ440A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMAJ440A LITTELFUSE-SMAJ440A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Shanghai Yint Electroni...
SMAJ440A YINT-SMAJ440A Datasheet
1Mb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
StarHope
SMAJ440A SPSEMI-SMAJ440A Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
Formosa MS
SMAJ440A FORMOSA-SMAJ440A Datasheet
864Kb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMAJ440A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com