Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC4EBD-DC12V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # NC4EBD-DC12V
Description  Transistor drive 2c/4c 5A slim power relays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

NC4EBD-DC12V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  NC4EBD-DC12V Datasheet HTML 1Page - Panasonic Semiconductor NC4EBD-DC12V Datasheet HTML 2Page - Panasonic Semiconductor NC4EBD-DC12V Datasheet HTML 3Page - Panasonic Semiconductor NC4EBD-DC12V Datasheet HTML 4Page - Panasonic Semiconductor NC4EBD-DC12V Datasheet HTML 5Page - Panasonic Semiconductor NC4EBD-DC12V Datasheet HTML 6Page - Panasonic Semiconductor NC4EBD-DC12V Datasheet HTML 7Page - Panasonic Semiconductor NC4EBD-DC12V Datasheet HTML 8Page - Panasonic Semiconductor NC4EBD-DC12V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
NC
ASCTB12E 20120
9-T
ORDERING INFORMATION
Transistor drive
2c/4c 5A slim power relays
NC RELAYS
NC4 Flat type
(PC board type)
NC2 Flat type
(PC board type)
NC4 Slim type
(Plug-in type)
NC2 Slim type
(PC board type)
RoHS compliant
FEATURES
1. Compact, slim design
Use of high-performance flat
electromagnetic design achieves
10.9 mm .429 inch profile, flat type thin
package. Slim type, with width of
11.2 mm .441 inch, enables high-density
mounting on PC boards.
2. High reliability
Provides stable contact pressure needed
for card lift-off contact driver method. The
use of Ac clad twin contacts provides
stable contact resistance and ensures
high contact reliability.
3. Compatible with all major safety
standards
UL and CSA certified, and complies with
Japanese Electrical Appliance and
Material Control Law.
4. Socket and terminal are available.
TYPICAL APPLICATIONS
1. Information processing and telecom
equipment such as computers and
terminal devices.
2. Gas hot air heating equipment and
air conditioners.
3. Timer, temperature controller and
other equipment that requires form
factor reduction.
4. Transmission and measuring
devices such as facsimile machines
and electronic counting devices.
5. Control panels for industrial
equipment such as machine tools,
factory automation devices, and NC
machines.
2: 2 Form C
4: 4 Form C
D: Twin (bifurcated) contact
NC
D
Nil:
EB:
Standard type
Amber sealed type
Nil:
J:
Slim type
Flat type
Nil: Single side stable
Nil:
P:
Plug-in type
PC board type
Nominal coil voltage
DC
AC
3, 5, 6, 12, 24, 48, 100V
12, 24, 48, 100V
Notes: 1. Certified by UL and CSA
2. Amber sealed types are sealed and filled with inert gas (nitrogen gas).
Sealed construction with terminals, case and base sealed shut with sealing resin.


Similar Part No. - NC4EBD-DC12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NC4EBD-DC12V PANASONIC-NC4EBD-DC12V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
More results

Similar Description - NC4EBD-DC12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Semiconductor
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com