Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC2EBD-DC5V Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # NC2EBD-DC5V
Description  Transistor drive 2c/4c 5A slim power relays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

NC2EBD-DC5V Datasheet(HTML) 4 Page - Panasonic Semiconductor

  NC2EBD-DC5V Datasheet HTML 1Page - Panasonic Semiconductor NC2EBD-DC5V Datasheet HTML 2Page - Panasonic Semiconductor NC2EBD-DC5V Datasheet HTML 3Page - Panasonic Semiconductor NC2EBD-DC5V Datasheet HTML 4Page - Panasonic Semiconductor NC2EBD-DC5V Datasheet HTML 5Page - Panasonic Semiconductor NC2EBD-DC5V Datasheet HTML 6Page - Panasonic Semiconductor NC2EBD-DC5V Datasheet HTML 7Page - Panasonic Semiconductor NC2EBD-DC5V Datasheet HTML 8Page - Panasonic Semiconductor NC2EBD-DC5V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
NC
ASCTB12E 20120
9-T
2) Single side stable (DC)
* At 20
°C 68°F (Amber type)
2. Specifications
Notes: *1 This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. 100V DC: 740mW
*3. For the AC type, the operate and release time differs depending on the phase of the input and cutoff times.
*4. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
*5. 100V
AC: –40
°C to +40°C –40°F to +104°F
No. of
poles
Nominal
coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current [
±10%]
(at 20
°C 68°F)
Coil resistance
[
±10%]
(at 20
°C 68°F)
Nominal operating
power
Coil inductance
Max. applied
voltage
(at 50
°C 122°F)*
N.C.
condition
N.O.
condition
2 Form C
3V DC
80%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
120mA
25
360mW
24.2mH
30.0mH
135%V of
nominal voltage
5V DC
72mA
69.4
360mW
69.5mH
86.0mH
6V DC
60mA
100
360mW
99.4mH
123mH
12V DC
30mA
400
360mW
388mH
480mH
24V DC
15mA
1,600
360mW
1,590mH
1,970mH
48V DC
7.5mA
6,400
360mW
6,270mH
7,680mH
100V DC
7.4mA
13,500
740mW
9,470mH
11,700mH
110%V of
nominal voltage
4 Form C
3V DC
80%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
240mA
12.5
720mW
12.8mH
15.8mH
110%V of
nominal voltage
5V DC
144mA
34.7
720mW
34.3mH
42.4mH
6V DC
120mA
50
720mW
50.7mH
62.7mH
12V DC
60mA
200
720mW
203mH
252mH
24V DC
30mA
800
720mW
812mH
1,000mH
48V DC
15mA
3,200
720mW
2,820mH
3,480mH
100V DC
7.4mA
13,500
740mW
14,100mH
17,400mH
Characteristics
Item
Specifications
DC
AC
DC
AC
Single side stable
Single side stable
Single side stable
Single side stable
Contact
Arrangement
2 Form C
4 Form C
Contact resistance (Initial)
Max. 50 m
Ω (By voltage drop 6 V DC 1A)
Max. 50 m
Ω (By voltage drop 6 V DC 1A)
Contact material
Au-clad AgNi type
Au-clad AgNi type
Rating
Nominal switching capacity
(resistive load)
Standard: 5A 250V AC, 5A 30V DC
Amber: 3A 250V AC, 5A 30V DC
Standard: 4A 250V AC, 5A 30V DC
Amber: 2A 250V AC, 5A 30V DC
Max. switching power
(resistive load)
Standard: 1,250VA, 150W
Amber: 750VA, 150W
Standard: 1,000VA, 150W
Amber: 500VA, 150W
Max. switching voltage
250 V AC
Max. switching current
Standard: 5A
Amber: 3A (AC), 5A (DC)
Standard: 4A
Amber: 2A (AC), 5A (DC)
Nominal operating power
360mW (740mW: 100V DC)
0.50VA to 1.05VA
720mW*2
1.08VA to 1.30VA
Min. switching capacity
(Reference value)*1
100
µA 1V DC
100
µA 1VDC
Electrical
characteristics
Insulation resistance (Initial)
Min. 100M
Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown
voltage
(Initial)
Between open
contacts
1,000 Vrms for 1min. (Detection current: 10mA.)
Between
contact sets
1,000 Vrms for 1min. (Detection current: 10mA.)
Between
contact and coil
2,000 Vrms for 1min. (Detection current: 10mA.)
Temperature rise (coil)
Max. 65
°C [Max. 85°C (100V AC)] (By resistive method, nominal coil voltage)
Operate time (at 20
°C 68°F)
Max. 20ms
Max. 30ms*3
Max. 20ms
Max. 30ms*3
Release time (at 20
°C 68°F)
Max. 10ms
Max. 40ms*3
Max. 10ms
Max. 40ms*3
Mechanical
characteristics
Shock
resistance
Functional
Min. 98 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
Min. 980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration
resistance
Functional
10 to 55 Hz at double amplitude of 1 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 2 mm
Expected life
Mechanical
Min. 5
×107
Min. 107
Min. 5
×107
Min. 107
Electrical (resistive load)
Standard: Min. 105 (5A 250V AC), Min. 5
×105 (5A 30V DC)
Amber: Min. 105 (3A 250V AC), Min. 5
×105 (5A 30V DC)
Standard: Min. 105 (4A 250V AC), Min. 5
×105 (5A 30V DC)
Amber: Min. 105 (2A 250V AC), Min. 5
×105 (5A 30V DC)
Conditions
Conditions for operation,
transport and storage*4
(Not freezing and condensing
at low temperature)
–40
°C to +70°C
–40
°F to +158°F
(Max.48V DC),
–40
°C to +55°C
–40
°F to +131°F (100V DC)
–40
°C to +60°C
–40
°F to +140°F*5
–40
°C to +55°C
–40
°F to +131°F
–40
°C to +40°C
–40
°F to +104°F
Max. Operating speed
50 cps
Unit weight
16 g .56 oz
18 g .63 oz


Similar Part No. - NC2EBD-DC5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NC2EBD-DC5V PANASONIC-NC2EBD-DC5V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
More results

Similar Description - NC2EBD-DC5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Semiconductor
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com