Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF60A Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # SMF60A
Description  Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SMF60A Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  SMF60A Datasheet HTML 1Page - Cystech Electonics Corp. SMF60A Datasheet HTML 2Page - Cystech Electonics Corp. SMF60A Datasheet HTML 3Page - Cystech Electonics Corp. SMF60A Datasheet HTML 4Page - Cystech Electonics Corp. SMF60A Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C296SP
Issued Date : 2011.06.20
Revised Date :
Page No. : 1/5
SMF5.0A thru SMBJ190CA
CYStek Product Specification
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 200W
Working Voltage 5.0 to 190V
SMF5.0A thru SMF190CA
Features
• Glass passivated chip
• Uni and Bidirectional unit
• Excellent clamping capability
• 200W peak pulse power capability with a 10/1000μs waveform, repetition rate (duty cycle) : 0.01%
• Very-fast response time
• Low leakage
• RoHS compliant
Mechanical Data
• Case : Molded plastic
• Terminals: Pure tin plated, solderable per MIL-STD-750 method 2026
• Polarity: For uni-directional types, the band denotes the cathode, which is positive with respective to the anode
under normal TVS operation
• Mounting position : Any
• Epoxy: UL 94V-0 rate flame retardant
Devices for bidirectional applications
For bi-directional devices, use suffix CA (e.g. SMF10CA). Electrical characteristics apply in both directions.
Maximum Ratings and Characteristics(TA=25
°C, unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak pulse power dissipation with a 10/1000μs waveform (Note 1)
PPP
200
W
Peak pulse power dissipation with a 8/20μs waveform (Note 1)
PPP
1000
W
Peak pulse current with a 10/1000μs waveform (Note 1)
IPP
See next table
A
Peak forward surge current, 8.3ms single half sine wave
uni-directional only (Note 2)
IFSM
20
A
Power dissipation on infinite heatsink at TL=75°C
PD
0.4
W
Maximum instantaneous forward voltage at 25A for
unidirectional only (Note 4)
VF
3.5
V
Operating junction and storage temperature range
TJ;TSTG
-55 ~ +150
°C
Notes: 1.Non-repetitive current pulse, per Fig. 5 and derated above TA=25°C per Fig. 1.
2.Mounted on 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum.


Similar Part No. - SMF60A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF60A LUGUANG-SMF60A Datasheet
1Mb / 3P
   Transient Voltage Suppressors
logo
ON Semiconductor
SMF60A ONSEMI-SMF60A Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Shanghai Leiditech Elec...
SMF60A LEIDITECH-SMF60A Datasheet
1Mb / 5P
   200W Transient Voltage Suppressor
01.06.2018
logo
Shenzhen Luguang Electr...
SMF60A LUGUANG-SMF60A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Diotec Semiconductor
SMF60A DIOTEC-SMF60A Datasheet
178Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results

Similar Description - SMF60A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com