Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL431S5 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # TL431S5
Description  Adjustable Precision Shunt Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TL431S5 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  TL431S5 Datasheet HTML 1Page - Cystech Electonics Corp. TL431S5 Datasheet HTML 2Page - Cystech Electonics Corp. TL431S5 Datasheet HTML 3Page - Cystech Electonics Corp. TL431S5 Datasheet HTML 4Page - Cystech Electonics Corp. TL431S5 Datasheet HTML 5Page - Cystech Electonics Corp. TL431S5 Datasheet HTML 6Page - Cystech Electonics Corp. TL431S5 Datasheet HTML 7Page - Cystech Electonics Corp. TL431S5 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C502S5
Issued Date : 2013.10.30
Revised Date : 2013.11.27
Page No. : 3/ 8
TL431S5
CYStek Product Specification
Electrical Characteristics ( Ta=25
°C unless otherwise specified )
Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit
A-RANK
2.480 2.495 2.510
Reference Input Voltage
B-RANK
VREF
VKA=VREF, IK=10mA
2.470 2.495 2.520
V
Deviation of Reference Input Voltage
Over-Temperature
VREF(dev)
VKA=VREF, IK=10mA
Tmin
≤Ta≤Tmax
-
4
17
mV
IK=10mA,
ΔVKA=10V-VREF
-
-1.4
-2.7
mV/V
Ratio of Change in Reference Input
Voltage to the Change in Cathode
Voltage
ΔVREF /
ΔVKA IK=10mA,
ΔKKA=36V-10V
-
-1.0
-2.0
mV/V
Reference Input Current
IREF
IK=10mA, R1=10k
Ω,
R2=
-
2
4
μA
Deviation of Reference Input Current
Over Full Temperature Range
IREF(dev)
IK=10mA, R1=10k
Ω,
R2=
∞, Ta=Full Range
-
0.4
1.2
μA
Minimum Cathode Current for
Regulation
IK(min)
VKA=VREF
-
0.34
0.5
mA
Off-State Cathode Current
IK(off)
VKA=36V, VREF=0
-
0.1
1.0
μA
VKA=VREF, f
≤1.0KHz
Dynamic impedance
ZKA
-
0.2
0.5
Ω
IK=1 to 100mA
Recommended Soldering Footprint


Similar Part No. - TL431S5

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
TL431S CALOGIC-TL431S Datasheet
65Kb / 6P
   Precision Adjustable Precision Adjustable
logo
IK Semicon Co., Ltd
TL431S IKSEMICON-TL431S Datasheet
3Mb / 12P
   Programmable Precision Reference
logo
Guangdong Youtai Semico...
TL431S UMW-TL431S Datasheet
695Kb / 13P
   Adjustable Precision Shunt Regulator
logo
Cystech Electonics Corp...
TL431SA3 CYSTEKEC-TL431SA3 Datasheet
204Kb / 6P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431SDT NXP-TL431SDT Datasheet
214Kb / 23P
   Adjustable precision shunt regulator
Rev. 02-20 January 2010
More results

Similar Description - TL431S5

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com