Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ17 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # SMCJ17
Description  Surface Mount Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SMCJ17 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  SMCJ17 Datasheet HTML 1Page - Cystech Electonics Corp. SMCJ17 Datasheet HTML 2Page - Cystech Electonics Corp. SMCJ17 Datasheet HTML 3Page - Cystech Electonics Corp. SMCJ17 Datasheet HTML 4Page - Cystech Electonics Corp. SMCJ17 Datasheet HTML 5Page - Cystech Electonics Corp. SMCJ17 Datasheet HTML 6Page - Cystech Electonics Corp. SMCJ17 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C493SC
Issued Date : 2011.05.19
Revised Date :
Page No. : 2/7
SMCJ5.0 thru SMCJ440CA
CYStek Product Specification
Electrical Characteristics Ratings at 25℃ ambient temperature, unless otherwise noted.
Device
Marking
Code
Breakdown Voltage
V(BR) @IT
Part Number
(UNI)
Part Number
(BI)
UNI
BI
Min
(V)
Max
(V)
IT
(mA)
Maximum
reverse
leakage IR
@ VRWM
(
μA)
Working
Peak
reverse
voltage
VRWM
(V)
Maximum
reverse
surge
Current
IPP
(A)
Maximum
clamping
voltage VC
@IPP
(V)
SMCJ5.0
SMCJ5.0C
GDD BDD
6.40
7.30
10
1000
5.0
156.25
9.6
SMCJ5.0A
SMCJ5.0CA
GDE BDE
6.40
7.00
10
1000
5.0
163.04
9.2
SMCJ6.0
SMCJ6.0C
GDF BDF
6.67
8.15
10
1000
6.0
131.58
11.4
SMCJ6.0A
SMCJ6.0CA GDG BDG
6.67
7.37
10
1000
6.0
145.63
10.3
SMCJ6.5
SMCJ6.5C
GDH BDH
7.22
8.82
10
500
6.5
121.95
12.3
SMCJ6.5A
SMCJ6.5CA GDG BDK
7.22
7.98
10
500
6.5
133.93
11.2
SMCJ7.0
SMCJ7.0C
GDL BDL
7.78
9.51
10
200
7.0
112.78
13.3
SMCJ7.0A
SMCJ7.0CA GDM BDM 7.78
8.60
10
200
7.0
125.00
12.0
SMCJ7.5
SMCJ7.5C
GDN BDN
8.33
10.20
1
100
7.5
104.90
14.3
SMCJ7.5A
SMCJ7.5CA
GDP BDP
8.33
9.21
1
100
7.5
116.28
12.9
SMCJ8.0
SMCJ8.0C
GDQ BDQ
8.89
10.90
1
50
8.0
100.00
15.0
SMCJ8.0A
SMCJ8.0CA GDR BDR
8.89
9.83
1
50
8.0
110.29
13.6
SMCJ8.5
SMCJ8.5C
GDS BDS
9.44
11.50
1
20
8.5
94.34
15.9
SMCJ8.5A
SMCJ8.5K
GDT BDT
9.44
10.40
1
20
8.5
104.17
14.4
SMCJ9.0
SMCJ9.0C
GDU BDU 10.00 12.20
1
10
9.0
88.76
16.9
SMCJ9.0A
SMCJ9.0CA GDV BDV 10.00 11.10
1
10
9.0
97.40
15.4
SMCJ10
SMCJ10C
GDW BDW 11.10 13.60
1
5
10.0
79.79
18.8
SMCJ10A
SMCJ10CA
GDX BDX 11.10 12.30
1
5
10.0
88.24
17.0
SMCJ11
SMCJ11C
GDY BDY 12.20 14.90
1
5
11.0
74.63
20.1
SMCJ11A
SMCJ11CA
GDZ BDZ 12.20 13.50
1
5
11.0
82.42
18.2
SMCJ12
SMCJ12C
GED BED 13.30 16.30
1
5
12.0
68.18
22.0
SMCJ12A
SMCJ12CA
GEE BEE 13.30 14.70
1
5
12.0
75.38
19.9
SMCJ13
SMCJ13C
GEF BEF 14.40 17.60
1
5
13.0
63.03
23.8
SMCJ13A
SMCJ13CA
GEG BEG 14.40 15.90
1
5
13.0
69.77
21.5
SMCJ14
SMCJ14C
GEH BEH 15.60 19.10
1
5
14.0
58.14
25.8
SMCJ14A
SMCJ14CA
GEK BEK 15.60 17.20
1
5
14.0
64.66
23.2
SMCJ15
SMCJ15C
GEL BEL 16.70 20.40
1
5
15.0
55.76
26.9
SMCJ15A
SMCJ15CA
GEM BEM 16.70 18.50
1
5
15.0
61.48
24.4
SMCJ16
SMCJ16C
GEN BEN 17.80 21.80
1
5
16.0
52.08
28.8
SMCJ16A
SMCJ16CA
GEP BEP 17.80 19.70
1
5
16.0
57.69
26.0
SMCJ17
SMCJ17C
GEQ BEQ 18.90 23.10
1
5
17.0
49.18
30.5
SMCJ17A
SMCJ17CA
GER BER 18.90 20.90
1
5
17.0
54.35
27.6
SMCJ18
SMCJ18C
GES BES 20.00 24.40
1
5
18.0
46.58
32.2
SMCJ18A
SMCJ18CA
GET BET 20.00 22.10
1
5
18.0
51.37
29.2
SMCJ19
SMCJ19C
GEA BEA 21.13 25.76
1
5
19.0
44.10
34.0
SMCJ19A
SMCJ19CA
GEB BEB 21.10 23.30
1
5
19.0
48.73
30.8
SMCJ20
SMCJ20C
GEU BEU 22.20 27.10
1
5
20.0
41.90
35.8
SMCJ20A
SMCJ20CA
GEV BEV 22.20 24.50
1
5
20.0
46.30
32.4
SMCJ22
SMCJ22C
GEW BEW 24.40 29.80
1
5
22.0
38.07
39.4


Similar Part No. - SMCJ17

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SMCJ17 JUXING-SMCJ17 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SMCJ17 DCCOM-SMCJ17 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMCJ17 LUGUANG-SMCJ17 Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Yangzhou yangjie electr...
SMCJ17 YANGJIE-SMCJ17 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Formosa MS
SMCJ17 FORMOSA-SMCJ17 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMCJ17

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com