Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF10A Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # SMF10A
Description  Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SMF10A Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  SMF10A Datasheet HTML 1Page - Cystech Electonics Corp. SMF10A Datasheet HTML 2Page - Cystech Electonics Corp. SMF10A Datasheet HTML 3Page - Cystech Electonics Corp. SMF10A Datasheet HTML 4Page - Cystech Electonics Corp. SMF10A Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C296SP
Issued Date : 2011.06.20
Revised Date :
Page No. : 3/5
SMF5.0A thru SMBJ190CA
CYStek Product Specification
Electrical Characteristics(Cont.)
Device
Marking
Code
Breakdown Voltage
V(BR) @IT
Part Number
(UNI)
Part Number
(BI)
UNI
BI
Min
(V)
Max
(V)
IT
(mA)
Maximum
reverse
leakage IR
@ VRWM
(
μA)
Working
Peak
reverse
voltage
VRWM
(V)
Maximum
reverse
surge
Current
IPP
(A)
Maximum
clamping
voltage VC
@IPP
(V)
SMF85A
SMF85CA
XV
NV
94.40 104.00
1
1
85.0
1.46
137.0
SMF90A
SMF90CA
XX
NX 100.00 111.00
1
1
90.0
1.37
146.0
SMF100A
SMF100CA
XZ
NZ 111.00 123.00
1
1
100.0
1.23
162.0
SMF110A
SMF110CA
TE
PE 122.00 135.00
1
1
110.0
1.13
177.0
SMF120A
SMF120CA
TG
PG 133.00 147.00
1
1
120.0
1.04
193.0
SMF130A
SMF130CA
TK
PK 144.00 159.00
1
1
130.0
0.96
209.0
SMF140A
SMF140CA
TB
PB 155.00 171.00
1
1
140.0
0.89
224.0
SMF150A
SMF150CA
TM
PM 167.00 185.00
1
1
150.0
0.82
243.0
SMF160A
SMF160CA
TP
PP 178.00 197.00
1
1
160.0
0.77
259.0
SMF170A
SMF170CA
TR
PR 189.00 209.00
1
1
170.0
0.73
275.0
SMF180A
SMF180CA
TT
PT 200.00 220.00
1
1
180.0
0.69
292.0
SMF190A
SMF190CA
TV
PV 211.00 232.00
1
1
190.0
0.69
308.0
Note: 1.Suffix ‘A’ denotes 5% tolerance device.
2.Add suffix ‘C’ or ‘CA’ after part number to specify Bi-directional devices.
3.For bidirectional types having VR of 10 volts and less, the IR limit is doubled.


Similar Part No. - SMF10A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SMF10A DGNJDZ-SMF10A Datasheet
384Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SMF10A VISHAY-SMF10A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
Anova Technologies CO.,...
SMF10A ANOVA-SMF10A Datasheet
351Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Vishay Siliconix
SMF10A VISHAY-SMF10A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
logo
SAMYANG ELECTRONICS CO....
SMF10A SAMYANG-SMF10A Datasheet
4Mb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMF10A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com