Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP50I3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # TIP50I3
Description  High Voltage NPN Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TIP50I3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  TIP50I3 Datasheet HTML 1Page - Cystech Electonics Corp. TIP50I3 Datasheet HTML 2Page - Cystech Electonics Corp. TIP50I3 Datasheet HTML 3Page - Cystech Electonics Corp. TIP50I3 Datasheet HTML 4Page - Cystech Electonics Corp. TIP50I3 Datasheet HTML 5Page - Cystech Electonics Corp. TIP50I3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C827I3
Issued Date : 2013.01.04
Revised Date :
Page No. : 1/6
TIP50I3
CYStek Product Specification
High Voltage NPN Power Transistor
TIP50I3
Features
• High breakdown voltage, VCEO=400V (min.)
• High collector current, IC(max)=1.5A (DC)
• Pb-free lead plating package
Symbol
Outline
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
700
Collector-Emitter Voltage
VCEO
400
Emitter-Base Voltage
VEBO
9
V
Collector Current (DC)
IC
1.5
Collector Current (Pulse)
ICM
3 (Note)
Base Current (DC)
IB
0.5
Base Current (Pulse)
IBM
1.5 (Note)
A
Power Dissipation @ TA=25°C
1
Power Dissipation @ TC=25°C
PD
15
W
Thermal Resistance, Junction to Ambient
RθJA
125
Thermal Resistance, Junction to Case
RθJC
8.33
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-65~+150
°C
Note : Pulse test, PW ≤ 5ms
TO-251AB
TO-251S
TIP50I3
B:Base
C:Collector
E:Emitter
BVCEO
400V
IC
1.5A
RCESAT
500mΩ(max.)
B C E
B C E


Similar Part No. - TIP50I3

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP50 MOSPEC-TIP50 Datasheet
130Kb / 3P
   POWER TRANSISTORS(1.0A,250-400V,40W)
logo
Rectron Semiconductor
TIP50 RECTRON-TIP50 Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
logo
Motorola, Inc
TIP50 MOTOROLA-TIP50 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
logo
ON Semiconductor
TIP50 ONSEMI-TIP50 Datasheet
163Kb / 6P
   High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
TIP50 ONSEMI-TIP50 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
More results

Similar Description - TIP50I3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD616A STMICROELECTRONICS-STD616A_03 Datasheet
122Kb / 6P
   HIGH VOLTAGE NPN POWER TRANSISTOR
STX616 STMICROELECTRONICS-STX616 Datasheet
111Kb / 8P
   High voltage NPN power transistor
logo
Inchange Semiconductor ...
ISB3026 ISC-ISB3026 Datasheet
277Kb / 2P
   High Voltage NPN Power Transistor
logo
STMicroelectronics
BUX98APW STMICROELECTRONICS-BUX98APW Datasheet
46Kb / 4P
   HIGH VOLTAGE NPN POWER TRANSISTOR
logo
NXP Semiconductors
BUX84S PHILIPS-BUX84S Datasheet
29Kb / 4P
   NPN high voltage Power transistor
February 1999 Rev 1.000
logo
STMicroelectronics
STD616A-1 STMICROELECTRONICS-STD616A-1 Datasheet
42Kb / 5P
   HIGH VOLTAGE NPN POWER TRANSISTOR
BUXD87 STMICROELECTRONICS-BUXD87 Datasheet
202Kb / 6P
   HIGH VOLTAGE NPN POWER TRANSISTOR
2ST501T STMICROELECTRONICS-2ST501T Datasheet
154Kb / 6P
   HIGH VOLTAGE NPN POWER TRANSISTOR
logo
ON Semiconductor
BUT11AF ONSEMI-BUT11AF Datasheet
60Kb / 8P
   High Voltage NPN Power Transistor
March, 2001 ??Rev. 4
logo
Seme LAB
2N6678 SEME-LAB-2N6678 Datasheet
28Kb / 2P
   HIGH VOLTAGE NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com