Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK340SC-0-T6-G Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # SK340SC-0-T6-G
Description  3.0Amp. Surface Mount Schottky Barrier Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK340SC-0-T6-G Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  SK340SC-0-T6-G Datasheet HTML 1Page - Cystech Electonics Corp. SK340SC-0-T6-G Datasheet HTML 2Page - Cystech Electonics Corp. SK340SC-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. SK340SC-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. SK340SC-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. SK340SC-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C333SC
Issued Date : 2011.01.07
Revised Date :2013.09.27
Page No. : 1/ 6
SK320SC-SK3150SC
CYStek Product Specification
3.0Amp. Surface Mount Schottky Barrier Diodes
SK320SC-SK3150SC Series
Features
• For surface mounted applications.
• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
• Low leakage current
• High surge capability
• High temperature soldering: 250°C/10 seconds at terminals
• Exceeds environmental standards of MIL-S-19500/228
Mechanical Data
• Case: Molded plastic, SMC/JEDEC DO-214AB.
• Terminals: Solder plated, solderable per MIL-STD-750 method 2026
• Polarity: Indicated by cathode band.
• Mounting Position : Any.
• Weight: 0.195 gram, 0.00585 ounce
Ordering Information
Device
Package
Shipping
Marking
SK320SC- 0-T6-G
SK32
SK340SC- 0-T6-G
SK33
SK360SC- 0 -T6-G
SK34
SK3100SC-0-T6-G
S310
SK3150SC-0-T6-G
SMC
(Pb-free lead plating and halogen-free
package)
3000 pcs / Tape & Reel
S315
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T6 : 3000 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


Similar Part No. - SK340SC-0-T6-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK340SC-0-T6-G CYSTEKEC-SK340SC-0-T6-G Datasheet
194Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK340SC-0-T6-G CYSTEKEC-SK340SC-0-T6-G Datasheet
194Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - SK340SC-0-T6-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK3BSA CYSTEKEC-SK3BSA Datasheet
87Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK3XSB CYSTEKEC-SK3XSB Datasheet
218Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK38SA CYSTEKEC-SK38SA Datasheet
87Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK36SA CYSTEKEC-SK36SA Datasheet
87Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
CSMA320-3100SA CYSTEKEC-CSMA320-3100SA Datasheet
144Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK3100SC CYSTEKEC-SK3100SC Datasheet
367Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK3150SB CYSTEKEC-SK3150SB Datasheet
256Kb / 4P
   3.0Amp. Surface Mount Schottky Barrier Diodes
CSMA582XSA CYSTEKEC-CSMA582XSA Datasheet
142Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK34SA CYSTEKEC-SK34SA Datasheet
257Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK320SC CYSTEKEC-SK320SC Datasheet
194Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK340SC CYSTEKEC-SK340SC Datasheet
194Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com