Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK2150 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # SK2150
Description  2.0Amp. Surface Mount Schottky Barrier Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK2150 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  SK2150 Datasheet HTML 1Page - Cystech Electonics Corp. SK2150 Datasheet HTML 2Page - Cystech Electonics Corp. SK2150 Datasheet HTML 3Page - Cystech Electonics Corp. SK2150 Datasheet HTML 4Page - Cystech Electonics Corp. SK2150 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C347SC
Issued Date : 2011.05.30
Revised Date :
Page No. : 1/ 5
SK220SC-SK2150SC
CYStek Product Specification
2.0Amp. Surface Mount Schottky Barrier Diodes
SK220SC-SK2150SC Series
Features
• For surface mounted applications.
• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
• Low leakage current
• High surge capability
• High temperature soldering: 250°C/10 seconds at terminals
• Exceeds environmental standards of MIL-S-19500/228
Mechanical Data
• Case: Molded plastic, SMC/JEDEC DO-214AB.
• Terminals: Solder plated, solderable per MIL-STD-750 method 2026
• Polarity: Indicated by cathode band.
• Mounting Position : Any.
• Weight: 0.195 gram, 0.00585 ounce
Maximum Ratings and Electrical Characteristics
(Rating at 25
°C ambient temperature unless otherwise specified. )
Type
Parameter
Symbol
SK220 SK240 SK260 SK2100 SK2150
Units
Repetitive peak reverse voltage
VRRM
20
40
60
100
150
V
Maximum RMS voltage
VRMS
14
28
42
70
105
V
Maximum DC blocking voltage
VR
20
40
60
100
150
V
Maximum instantaneous
forward voltage, IF=2A
VF
0.50
0.7
0.85
0.9
V
Average forward rectified current
IO
2
A
Peak forward surge current @8.3ms single half sine
wave superimposed on rated load (JEDEC method)
IFSM
50
A
Maximum DC reverse current
VR=VRRM,TA=25℃
VR=VRRM,TA=125℃
IR
0.5
10
mA
mA
Maximum thermal resistance, Junction to ambient
Rth,JA
55
Maximum thermal resistance, Junction to lead
Rth,JL
20
(Note)
℃/W
Diode junction capacitance @ f=1MHz and applied
4VDC reverse voltage
CJ
170(typ)
pF
Storage temperature
Tstg
-55 ~ +150
Operating temperature
TJ
-55 ~ +125
-55 ~ +150
Note : Measure on PCB with 0.2”×0.2”(5mm×5mm) copper pad area.


Similar Part No. - SK2150

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SK2150 CHENDA-SK2150 Datasheet
500Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SK2150 YIXIN-SK2150 Datasheet
115Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK2150 YIXIN-SK2150 Datasheet
113Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK2150 YIXIN-SK2150 Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SK2150-L MCC-SK2150-L Datasheet
358Kb / 4P
   2 Amp Schottky Rectifier 20 to 200 Volts
More results

Similar Description - SK2150

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK2BSB CYSTEKEC-SK2BSB Datasheet
252Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK28SA CYSTEKEC-SK28SA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2BSA CYSTEKEC-SK2BSA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK260SC CYSTEKEC-SK260SC Datasheet
150Kb / 5P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2DSA CYSTEKEC-SK2DSA Datasheet
469Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2XSA CYSTEKEC-SK2XSA Datasheet
87Kb / 3P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2100SC CYSTEKEC-SK2100SC Datasheet
173Kb / 5P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK240SC CYSTEKEC-SK240SC Datasheet
150Kb / 5P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2CSA CYSTEKEC-SK2CSA Datasheet
469Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK22SA CYSTEKEC-SK22SA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK26SA CYSTEKEC-SK26SA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com