Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK240 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # SK240
Description  2.0Amp. Surface Mount Schottky Barrier Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK240 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  SK240 Datasheet HTML 1Page - Cystech Electonics Corp. SK240 Datasheet HTML 2Page - Cystech Electonics Corp. SK240 Datasheet HTML 3Page - Cystech Electonics Corp. SK240 Datasheet HTML 4Page - Cystech Electonics Corp. SK240 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C347SC
Issued Date : 2011.05.30
Revised Date :
Page No. : 3/ 5
SK220SC-SK2150SC
CYStek Product Specification
Ordering Information
Device
Package
Shipping
Marking
SK220SC
SMC
3000 pcs / Tape & Reel
SK22
SK240SC
SMC
3000 pcs / Tape & Reel
SK24
SK260SC
SMC
3000 pcs / Tape & Reel
SK26
SK2100SC
SMC
3000 pcs / Tape & Reel
S210
SK2150SC
SMC
3000 pcs / Tape & Reel
S215


Similar Part No. - SK240

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SK240LFL SECOS-SK240LFL Datasheet
295Kb / 2P
   40V, 2A Schottky Barrier Rectifiers
SK240LHT SECOS-SK240LHT Datasheet
334Kb / 2P
   40V, 2A Surface Mount Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SK240SC CYSTEKEC-SK240SC Datasheet
150Kb / 5P
   2.0Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - SK240

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK2BSB CYSTEKEC-SK2BSB Datasheet
252Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK28SA CYSTEKEC-SK28SA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2BSA CYSTEKEC-SK2BSA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK260SC CYSTEKEC-SK260SC Datasheet
150Kb / 5P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2DSA CYSTEKEC-SK2DSA Datasheet
469Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2XSA CYSTEKEC-SK2XSA Datasheet
87Kb / 3P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2100SC CYSTEKEC-SK2100SC Datasheet
173Kb / 5P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK240SC CYSTEKEC-SK240SC Datasheet
150Kb / 5P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2CSA CYSTEKEC-SK2CSA Datasheet
469Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK22SA CYSTEKEC-SK22SA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK26SA CYSTEKEC-SK26SA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com