Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM33N20-60P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUM33N20-60P
Description  N-Channel 200-V (D-S) 175 C MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM33N20-60P Datasheet(HTML) 1 Page - Vishay Siliconix

  SUM33N20-60P Datasheet HTML 1Page - Vishay Siliconix SUM33N20-60P Datasheet HTML 2Page - Vishay Siliconix SUM33N20-60P Datasheet HTML 3Page - Vishay Siliconix SUM33N20-60P Datasheet HTML 4Page - Vishay Siliconix SUM33N20-60P Datasheet HTML 5Page - Vishay Siliconix SUM33N20-60P Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Siliconix
SUM33N20-60P
New Product
Document Number: 74291
S-62209-Rev. A, 30-Oct-06
www.vishay.com
1
N-Channel 200-V (D-S) 175 °C MOSFET
FEATURES
TrenchFET® Power MOSFETS
150 °C Junction Temperature
100 % UIS and Rg Tested
APPLICATIONS
Power Supply
Lighting
Industrial
PRODUCT SUMMARY
V(BR)DSS (V)
rDS(on) (Ω)ID (A)
Qg (Typ)
200
0.059 at VGS = 15 V
33
53
0.060 at VGS = 10 V
33
TO-263
S
D
G
Top View
Ordering Information: SUM33N20-60P-E3 (Lead (Pb)-free)
N-Channel MOSFET
G
D
S
Notes:
a. Duty cycle
≤ 1 %.
b. See SOA curve for voltage derating.
c. When Mounted on 1" square PCB (FR-4 material).
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
200
V
Gate-Source Voltage
VGS
± 25
Continuous Drain Current (TJ = 175 °C)
TC = 25 °C
ID
33
A
TC = 100 °C
20.8
Pulsed Drain Current
IDM
80
Single Pulse Avalanche Current
L = 0.1 mH
IAS
20
Single Pulse Avalanche Energya
EAS
20
mJ
Maximum Power Dissipationa
TC = 25 °C
PD
156b
W
TA = 25 °C
c
3.12
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Junction-to-Ambient (PCB Mount)c
RthJA
40
°C/W
Junction-to-Case (Drain)
RthJC
0.8
RoHS
COMPLIANT


Similar Part No. - SUM33N20-60P

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SUM30F SSDI-SUM30F Datasheet
61Kb / 2P
   0.5 AMPS 2000 - 5000 VOLTS 180 nsec HIGH VOLTAGE RECTIFIER
SUM30F SSDI-SUM30F Datasheet
82Kb / 2P
   HIGH VOLTAGE RECTIFIER
SUM30UF SSDI-SUM30UF Datasheet
157Kb / 2P
   0.4 AMPS 2000 - 5000 VOLTS 60 nsec HIGH VOLTAGE ULTRA FAST RECTIFIER
SUM30UF SSDI-SUM30UF Datasheet
74Kb / 2P
   HIGH VOLTAGE ULTRA FAST RECTIFIER
SUM30UFSMS SSDI-SUM30UFSMS Datasheet
157Kb / 2P
   0.4 AMPS 2000 - 5000 VOLTS 60 nsec HIGH VOLTAGE ULTRA FAST RECTIFIER
More results

Similar Description - SUM33N20-60P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM90220E VISHAY-SUM90220E Datasheet
166Kb / 7P
   N-Channel 200 V (D-S) 175 °C MOSFET
Rev. A, 14-Nov-16
SUM65N20-30 VISHAY-SUM65N20-30_08 Datasheet
113Kb / 6P
   N-Channel 200-V (D-S) 175 °C MOSFET
Rev. D, 11-Feb-08
SUM90330E VISHAY-SUM90330E_V01 Datasheet
191Kb / 8P
   N-Channel 200 V (D-S) 175 °C MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBM1202N VBSEMI-VBM1202N Datasheet
416Kb / 8P
   N-Channel 200 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUM27N20-78 VISHAY-SUM27N20-78 Datasheet
52Kb / 5P
   N-Channel 200-V (D-S) 175C MOSFET
Rev. A, 27-Jan-03
SUM90140E VISHAY-SUM90140E Datasheet
188Kb / 9P
   N-Channel 200 V (D-S) 175 °C MOSFET
Rev. A, 16-Nov-15
SUP90220E VISHAY-SUP90220E_V01 Datasheet
163Kb / 8P
   N-Channel 200 V (D-S) 175 °C MOSFET
01-Jan-2022
SUM90142E VISHAY-SUM90142E Datasheet
169Kb / 7P
   N-Channel 200 V (D-S) 175 °C MOSFET
Rev. A, 22-Aug-16
SUP90142E VISHAY-SUP90142E Datasheet
157Kb / 7P
   N-Channel 200 V (D-S) 175 °C MOSFET
Rev. A, 22-Aug-16
SUD19N20-90-T4-E3 VISHAY-SUD19N20-90-T4-E3 Datasheet
166Kb / 7P
   N-Channel 200 V (D-S) 175 °C MOSFET
Rev. E, 04-Oct-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com