Electronic Components Datasheet Search |
|
SP3003-04ATG Datasheet(PDF) 3 Page - Littelfuse |
|
SP3003-04ATG Datasheet(HTML) 3 Page - Littelfuse |
3 / 7 page © 2013 Littelfuse, Inc. Specifications are subject to change without notice. Revised: 08/20/13 TVS Diode Arrays (SPA®Diodes) Low Capacitance ESD Protection - SP3003 Series Capacitance vs. Frequency 0 2E-13 4E-13 6E-13 8E-13 1E-12 1.2E-12 1.4E-12 1.E+06 1.E+07 1.E+08 1.E+09 Frequency [Hz] Product Characteristics Lead Plating Matte Tin (SC70-x, MSOP-10) Pre-Plated Frame (SOT5x3, µDFN-6) Lead Material Copper Alloy Lead Coplanarity 0.0004 inches (0.102mm) Substitute Material Silicon Body Material Molded Epoxy Flammability UL 94 V-0 Notes : 1. All dimensions are in millimeters 2. Dimensions include solder plating. 3. Dimensions are exclusive of mold flash & metal burr. 4. Blo is facing up for mold and facing down for trim/form, i.e. reverse trim/form. 5. Package surface matte finish VDI 11-13. Time TP TL TS(max) TS(min) 25 tP tL tS time to peak temperature Preheat Preheat Ramp-up Ramp-up Ramp-down Ramp-do Critical Zone TL to TP Critical Zone TL to TP Reflow Condition Pb – Free assembly Pre Heat -Temperature Min (T s(min)) 150°C -Temperature Max (T s(max)) 200°C -Time (min to max) (t s) 60 – 180 secs Average ramp up rate (Liquidus) Temp (T L) to peak 3°C/second max T S(max) to TL - Ramp-up Rate 3°C/second max Reflow -Temperature (T L) (Liquidus) 217°C -Temperature (t L) 60 – 150 seconds PeakTemperature (T P) 260+0/-5 °C Time within 5°C of actual peak Temperature (t p) 20 – 40 seconds Ramp-down Rate 6°C/second max Time 25°C to peakTemperature (T P) 8 minutes Max. Do not exceed 260°C Soldering Parameters |
Similar Part No. - SP3003-04ATG |
|
Similar Description - SP3003-04ATG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |