Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR720E14 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # DCR720E14
Description  Phase Control Thyristor Preliminary Information
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR720E14 Datasheet(HTML) 7 Page - Dynex Semiconductor

  DCR720E14 Datasheet HTML 1Page - Dynex Semiconductor DCR720E14 Datasheet HTML 2Page - Dynex Semiconductor DCR720E14 Datasheet HTML 3Page - Dynex Semiconductor DCR720E14 Datasheet HTML 4Page - Dynex Semiconductor DCR720E14 Datasheet HTML 5Page - Dynex Semiconductor DCR720E14 Datasheet HTML 6Page - Dynex Semiconductor DCR720E14 Datasheet HTML 7Page - Dynex Semiconductor DCR720E14 Datasheet HTML 8Page - Dynex Semiconductor DCR720E14 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DCR720E
7/9
www.dynexsemi.com
Fig.8 Multi-cycle surge currents
0
2
4
6
8
10
12
14
0
102030405060
number of cycles @ 50Hz
Surge current (VR = 0)
Surge current (VR = 50% VRRM)


Similar Part No. - DCR720E14

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR720E14 DYNEX-DCR720E14 Datasheet
707Kb / 9P
   Phase Control Thyristor
DCR720E14 DYNEX-DCR720E14 Datasheet
693Kb / 9P
   Phase Control Thyristor
More results

Similar Description - DCR720E14

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR840F DYNEX-DCR840F Datasheet
139Kb / 9P
   Phase Control Thyristor Preliminary Information
DCR1910V85 DYNEX-DCR1910V85 Datasheet
142Kb / 9P
   Phase Control Thyristor Preliminary Information
DCR5980Z DYNEX-DCR5980Z Datasheet
126Kb / 9P
   Phase Control Thyristor Target Information
DCR1660Y DYNEX-DCR1660Y Datasheet
139Kb / 9P
   Phase Control Thyristor Target Information
DCR1021SF DYNEX-DCR1021SF Datasheet
211Kb / 11P
   Phase Control Thyristor Target Information
DCR1260Y DYNEX-DCR1260Y Datasheet
147Kb / 10P
   Phase Control Thyristor Target Information
MP03TT300 DYNEX-MP03TT300 Datasheet
148Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP04TT600 DYNEX-MP04TT600 Datasheet
264Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP02TT200 DYNEX-MP02TT200 Datasheet
127Kb / 9P
   Dual Thyristor Water Cooled Module Preliminary Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
   PRELIMINARY INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com