Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR720E16 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # DCR720E16
Description  Phase Control Thyristor Preliminary Information
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR720E16 Datasheet(HTML) 6 Page - Dynex Semiconductor

  DCR720E16 Datasheet HTML 1Page - Dynex Semiconductor DCR720E16 Datasheet HTML 2Page - Dynex Semiconductor DCR720E16 Datasheet HTML 3Page - Dynex Semiconductor DCR720E16 Datasheet HTML 4Page - Dynex Semiconductor DCR720E16 Datasheet HTML 5Page - Dynex Semiconductor DCR720E16 Datasheet HTML 6Page - Dynex Semiconductor DCR720E16 Datasheet HTML 7Page - Dynex Semiconductor DCR720E16 Datasheet HTML 8Page - Dynex Semiconductor DCR720E16 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DCR720E
6/9
www.dynexsemi.com
Fig.4 Stored charge
Fig.5 Gate characteristics
Fig.6 Maximum (limit) transient thermal impedance -
junction to case (˚C/W)
Fig.7 Sub-cycle surge currents
0
5
10
15
20
25
110
Pulse lenght, half sine wave (ms)
0
0.15
0.3
0.45
0.6
0.75
9
8
7
6
5
4
3
2
ITSM (VR = 0)
ITSM (VR = 50% VRRM)
I2t (VR = 0)
I2t (VR = 50% VRRM)
10000
1000
100
0.1
1.0
10
100
Rate of decay of on-state current, dIT/dt - (A/µs)
IT = 1500A
IT = 500A
Conditions:
Tj = 125˚C
VR = 50V
tp = 1ms
0.25xIRM
QR
tp
IT
dIT/dt
IRM
10
1
0.1
0.01
0.001
Gate trigger current, IGT - (A)
100
10
1
0.1
Region of certain
triggering
Upper
limit
95%
Lower
limit
5%
VGD
IFGM
Table gives pulse power PGM in Watts
Pulse width
µs
20
25
100
500
1ms
10ms
Frequency Hz
50
100
100
100
100
100
10
100
100
100
100
100
50
-
400
100
100
100
25
12.5
-
0.1
0.01
0.001
0.001
0.01
0.1
1.0
10
Time - (s)
Anode side cooled
Double side cooled
Conduction
Effective thermal resistance
Junction to case ˚C/W
Double side
0.041
0.044
0.051
0.061
Anode side
0.074
0.077
0.084
0.093
d.c.
Halfwave
3 phase 120˚
6 phase 60˚


Similar Part No. - DCR720E16

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR720E16 DYNEX-DCR720E16 Datasheet
707Kb / 9P
   Phase Control Thyristor
DCR720E16 DYNEX-DCR720E16 Datasheet
693Kb / 9P
   Phase Control Thyristor
More results

Similar Description - DCR720E16

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR840F DYNEX-DCR840F Datasheet
139Kb / 9P
   Phase Control Thyristor Preliminary Information
DCR1910V85 DYNEX-DCR1910V85 Datasheet
142Kb / 9P
   Phase Control Thyristor Preliminary Information
DCR5980Z DYNEX-DCR5980Z Datasheet
126Kb / 9P
   Phase Control Thyristor Target Information
DCR1660Y DYNEX-DCR1660Y Datasheet
139Kb / 9P
   Phase Control Thyristor Target Information
DCR1021SF DYNEX-DCR1021SF Datasheet
211Kb / 11P
   Phase Control Thyristor Target Information
DCR1260Y DYNEX-DCR1260Y Datasheet
147Kb / 10P
   Phase Control Thyristor Target Information
MP03TT300 DYNEX-MP03TT300 Datasheet
148Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP04TT600 DYNEX-MP04TT600 Datasheet
264Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP02TT200 DYNEX-MP02TT200 Datasheet
127Kb / 9P
   Dual Thyristor Water Cooled Module Preliminary Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
   PRELIMINARY INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com