Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR720E Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DCR720E
Description  Phase Control Thyristor Preliminary Information
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR720E Datasheet(HTML) 1 Page - Dynex Semiconductor

  DCR720E Datasheet HTML 1Page - Dynex Semiconductor DCR720E Datasheet HTML 2Page - Dynex Semiconductor DCR720E Datasheet HTML 3Page - Dynex Semiconductor DCR720E Datasheet HTML 4Page - Dynex Semiconductor DCR720E Datasheet HTML 5Page - Dynex Semiconductor DCR720E Datasheet HTML 6Page - Dynex Semiconductor DCR720E Datasheet HTML 7Page - Dynex Semiconductor DCR720E Datasheet HTML 8Page - Dynex Semiconductor DCR720E Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DCR720E
1/9
www.dynexsemi.com
FEATURES
s
Double Side Cooling
s
High Surge Capability
s
Low Inductance Internal Construction
APPLICATIONS
s
High Power Converters
s
DC Motor Control
s
High Voltage Power Supplies
VOLTAGE RATINGS
ORDERING INFORMATION
When ordering, select the required part number shown in the
Voltage Ratings selection table.
For example:
DCR720E16
Note: Please use the complete part number when ordering and
quote this number in any future correspondance relating to your
order.
KEY PARAMETERS
V
DRM
1800V
I
T(AV)
724A
I
TSM
9800A
dV/dt*
1000V/
µs
dI/dt
700A/
µs
*Higher dV/dt selections available
DCR720E
Phase Control Thyristor
Preliminary Information
DS5485-1.2 February 2002
Conditions
T
vj = 0˚ to 125˚C,
I
DRM = IRRM = 30mA,
V
DRM, VRRM tp = 10ms,
V
DSM & VRSM =
V
DRM & VRRM + 100V
respectively
Lower voltage grades available.
1800
1600
1400
1200
DCR720E18
DCR720E16
DCR720E14
DCR720E12
Part and Ordering
Number
Repetitive Peak
Voltages
V
DRM and VDRM
V
Fig. 1 Package outline
Outline type code: E
(See Package Details for further information)


Similar Part No. - DCR720E

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR720E12 DYNEX-DCR720E12 Datasheet
707Kb / 9P
   Phase Control Thyristor
DCR720E12 DYNEX-DCR720E12 Datasheet
693Kb / 9P
   Phase Control Thyristor
DCR720E14 DYNEX-DCR720E14 Datasheet
707Kb / 9P
   Phase Control Thyristor
DCR720E14 DYNEX-DCR720E14 Datasheet
693Kb / 9P
   Phase Control Thyristor
DCR720E16 DYNEX-DCR720E16 Datasheet
707Kb / 9P
   Phase Control Thyristor
More results

Similar Description - DCR720E

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR840F DYNEX-DCR840F Datasheet
139Kb / 9P
   Phase Control Thyristor Preliminary Information
DCR1910V85 DYNEX-DCR1910V85 Datasheet
142Kb / 9P
   Phase Control Thyristor Preliminary Information
DCR5980Z DYNEX-DCR5980Z Datasheet
126Kb / 9P
   Phase Control Thyristor Target Information
DCR1660Y DYNEX-DCR1660Y Datasheet
139Kb / 9P
   Phase Control Thyristor Target Information
DCR1021SF DYNEX-DCR1021SF Datasheet
211Kb / 11P
   Phase Control Thyristor Target Information
DCR1260Y DYNEX-DCR1260Y Datasheet
147Kb / 10P
   Phase Control Thyristor Target Information
MP03TT300 DYNEX-MP03TT300 Datasheet
148Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP04TT600 DYNEX-MP04TT600 Datasheet
264Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP02TT200 DYNEX-MP02TT200 Datasheet
127Kb / 9P
   Dual Thyristor Water Cooled Module Preliminary Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
   PRELIMINARY INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com