Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR1660Y60 Datasheet(PDF) 9 Page - Dynex Semiconductor

Part # DCR1660Y60
Description  Phase Control Thyristor Target Information
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1660Y60 Datasheet(HTML) 9 Page - Dynex Semiconductor

  DCR1660Y60 Datasheet HTML 1Page - Dynex Semiconductor DCR1660Y60 Datasheet HTML 2Page - Dynex Semiconductor DCR1660Y60 Datasheet HTML 3Page - Dynex Semiconductor DCR1660Y60 Datasheet HTML 4Page - Dynex Semiconductor DCR1660Y60 Datasheet HTML 5Page - Dynex Semiconductor DCR1660Y60 Datasheet HTML 6Page - Dynex Semiconductor DCR1660Y60 Datasheet HTML 7Page - Dynex Semiconductor DCR1660Y60 Datasheet HTML 8Page - Dynex Semiconductor DCR1660Y60 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DCR1660Y
9/9
www.dynexsemi.com
POWER ASSEMBLY CAPABILITY
The Power Assembly group was set up to provide a support service for those customers requiring more than the basic semiconductor,
and has developed a flexible range of heatsink and clamping systems in line with advances in device voltages and current capability
of our semiconductors.
We offer an extensive range of air and liquid cooled assemblies covering the full range of circuit designs in general use today. The
Assembly group continues to offer high quality engineering support dedicated to designing new units to satisfy the growing needs of our
customers.
Using the latest CAD methods our team of design and applications engineers aim to provide the Power Assembly Complete Solution
(PACs).
DEVICE CLAMPS
Disc devices require the correct clamping force to ensure their safe operation. The PACS range includes a varied selection of pre-loaded
clamps to suit all of our manufactured devices. Types available include cube clamps for single side cooling of ‘T’ 23mm and ‘E’ 30mm
discs, and bar clamps right up to 83kN for our ‘Z’ 100mm thyristors and diodes.
Clamps are available for single or double side cooling, with high insulation versions for high voltage assemblies.
Please refer to our application note on device clamping, AN4839
HEATSINKS
The Power Assembly group has its own proprietary range of extruded aluminium heatsinks. They have been designed to optimise the
performance of Dynex semiconductors. Data with respect to air natural, forced air and liquid cooling (with flow rates) is available on
request.
For further information on device clamps, heatsinks and assemblies, please contact your nearest sales representative or customer
service office.
CUSTOMER SERVICES
Tel: +44 (0)1522 502753/502901. Fax: +44 (0)1522 500020
SALES OFFICES
North America Tel: (613) 723-7035. Fax: (613) 723-1518. Toll Free: 1.888.33.DYNEX (39639) /
Tel: (949) 733-3005. Fax: (949) 733-2986.
Rest Of World Tel: +44 (0)1522 502753/502901. Fax: +44 (0)1522 500020
These offices are supported by Representatives and Distributors in many countries world-wide.
© Dynex Semiconductor 2002 Publication No. DS5499-1 Issue No. 1.2 February 2002
TECHNICAL DOCUMENTATION – NOT FOR RESALE. PRODUCED IN UNITED KINGDOM
HEADQUARTERS OPERATIONS
DYNEX SEMICONDUCTOR LTD
Doddington Road, Lincoln.
Lincolnshire. LN6 3LF. United Kingdom.
Tel: 00-44-(0)1522-500500
Fax: 00-44-(0)1522-500550
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as
a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company reserves
the right to alter without prior notice the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such
methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication
or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury
or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request.
All brand names and product names used in this publication are trademarks, registered trademarks or trade names of their respective owners.
http://www.dynexsemi.com
e-mail: power_solutions@dynexsemi.com
Datasheet Annotations:
Dynex Semiconductor annotate datasheets in the top right hard corner of the front page, to indicate product status. The annotations are as follows:-
Target Information: This is the most tentative form of information and represents a very preliminary specification. No actual design work on the product has been started.
Preliminary Information: The product is in design and development. The datasheet represents the product as it is understood but details may change.
Advance Information: The product design is complete and final characterisation for volume production is well in hand.
No Annotation: The product parameters are fixed and the product is available to datasheet specification.


Similar Part No. - DCR1660Y60

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1610F24 DYNEX-DCR1610F24 Datasheet
241Kb / 10P
   Phase Control Thyristor
DCR1610F26 DYNEX-DCR1610F26 Datasheet
241Kb / 10P
   Phase Control Thyristor
DCR1610F28 DYNEX-DCR1610F28 Datasheet
241Kb / 10P
   Phase Control Thyristor
DCR1650C50 DYNEX-DCR1650C50 Datasheet
3Mb / 10P
   Phase Control Thyristor
DCR1650C50 DYNEX-DCR1650C50 Datasheet
552Kb / 10P
   Phase Control Thyristor
More results

Similar Description - DCR1660Y60

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR5980Z DYNEX-DCR5980Z Datasheet
126Kb / 9P
   Phase Control Thyristor Target Information
DCR1021SF DYNEX-DCR1021SF Datasheet
211Kb / 11P
   Phase Control Thyristor Target Information
DCR1260Y DYNEX-DCR1260Y Datasheet
147Kb / 10P
   Phase Control Thyristor Target Information
DCR840F DYNEX-DCR840F Datasheet
139Kb / 9P
   Phase Control Thyristor Preliminary Information
DCR720E DYNEX-DCR720E Datasheet
134Kb / 9P
   Phase Control Thyristor Preliminary Information
DCR1910V85 DYNEX-DCR1910V85 Datasheet
142Kb / 9P
   Phase Control Thyristor Preliminary Information
DGT408BRP DYNEX-DGT408BRP Datasheet
170Kb / 6P
   Reverse Blocking Gate Turn-off Thyristor Target Information
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com