Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR1673SZ26 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DCR1673SZ26
Description  Phase Control Thyristor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1673SZ26 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DCR1673SZ26 Datasheet HTML 1Page - Dynex Semiconductor DCR1673SZ26 Datasheet HTML 2Page - Dynex Semiconductor DCR1673SZ26 Datasheet HTML 3Page - Dynex Semiconductor DCR1673SZ26 Datasheet HTML 4Page - Dynex Semiconductor DCR1673SZ26 Datasheet HTML 5Page - Dynex Semiconductor DCR1673SZ26 Datasheet HTML 6Page - Dynex Semiconductor DCR1673SZ26 Datasheet HTML 7Page - Dynex Semiconductor DCR1673SZ26 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/8
www.dynexsemi.com
DCR1673SZ
GATE TRIGGER CHARACTERISTICS AND RATINGS
V
DRM = 5V,
T
case = 25
oC
Conditions
Parameter
Symbol
V
GT
Gate trigger voltage
V
DRM = 5V, Tcase = 25
oC
I
GT
Gate trigger current
V
GD
Gate non-trigger voltage
At V
DRM Tcase = 125
oC
V
FGM
Peak forward gate voltage
Anode positive with respect to cathode
V
FGN
Peak forward gate voltage
Anode negative with respect to cathode
V
RGM
Peak reverse gate voltage
I
FGM
Peak forward gate current
Anode positive with respect to cathode
P
GM
Peak gate power
See table, gate characteristics curve
P
G(AV)
Mean gate power
3.5
V
500
mA
0.25
V
30
V
0.25
V
5V
30
A
150
W
10
W
Max.
Units
DYNAMIC CHARACTERISTICS
Parameter
Symbol
Conditions
Typ.
Max.
Units
I
RRM/IDRM
Peak reverse and off-state current
At V
RRM/VDRM, Tcase = 125
oC
From 67% V
DRM
to 1100A
Gate source 1A
t
r = 0.5µs, Tj = 125
oC
dV/dt
Maximum linear rate of rise of off-state voltage
To 67% V
DRM Tj = 125
oC
-
500
mA
-
1000
V/
µs
Repetitive 50Hz
-
250
A/
µs
Non-repetitive
-
500
A/
µs
Rate of rise of on-state current
dI/dt
V
T(TO)
Threshold voltage
At T
vj = 125
oC
r
T
On-state slope resistance
At T
vj = 125
oC
t
gd
Delay time
0.82
-V
-
0.076
m
1.0
1.5
µs
V
D = 67% VDRM, Gate source 20V, 10Ω
t
r = 0.5µs, Tj = 25
oC
I
L
Latching current
T
j = 25
oC, V
D = 5V
I
H
Holding current
T
j = 25
oC, R
g-k = ∞
150
750
mA
40
200
mA


Similar Part No. - DCR1673SZ26

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1673SA DYNEX-DCR1673SA Datasheet
101Kb / 8P
   Phase Control Thyristor
DCR1673SA27 DYNEX-DCR1673SA27 Datasheet
101Kb / 8P
   Phase Control Thyristor
More results

Similar Description - DCR1673SZ26

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com