Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5180 Datasheet(PDF) 4 Page - NEC

Part # 2SC5180
Description  NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5180 Datasheet(HTML) 4 Page - NEC

  2SC5180 Datasheet HTML 1Page - NEC 2SC5180 Datasheet HTML 2Page - NEC 2SC5180 Datasheet HTML 3Page - NEC 2SC5180 Datasheet HTML 4Page - NEC 2SC5180 Datasheet HTML 5Page - NEC 2SC5180 Datasheet HTML 6Page - NEC 2SC5180 Datasheet HTML 7Page - NEC 2SC5180 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2SC5180
0
4
3
2
1
10
20
100
0.1
0.3
0.4
0.5
1.0
2.0
3.0
4.0
FEED-BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
NOISE FIGURE vs.
COLLECTOR CURRENT
IC – Collector Current – mA
VCB – Collector to Base Voltage – V
5.0
0.2
12
5
VCE = 1 V
VCE = 2 V
f = 2 GHz
f = 1 MHz
0


Similar Part No. - 2SC5180

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5180 RENESAS-2SC5180 Datasheet
278Kb / 9P
   NPN SILICON RF TRANSISTOR
2004
2SC5180-T1 RENESAS-2SC5180-T1 Datasheet
278Kb / 9P
   NPN SILICON RF TRANSISTOR
2004
More results

Similar Description - 2SC5180

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5185 NEC-2SC5185 Datasheet
60Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5184 NEC-2SC5184 Datasheet
58Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5177 NEC-2SC5177 Datasheet
56Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR IN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5186 NEC-2SC5186 Datasheet
58Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR IN ULTRA SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5181 NEC-2SC5181 Datasheet
50Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR IN ULTRA SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5179 NEC-2SC5179 Datasheet
57Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR IN SMALL MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5182 NEC-2SC5182 Datasheet
56Kb / 12P
   NPS EPITAXIAL SILICON TRANSISTOR IN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5183 NEC-2SC5183 Datasheet
60Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5178 NEC-2SC5178 Datasheet
82Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC4225 NEC-2SC4225 Datasheet
41Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com