Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZY56 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZY56
Description  SILICON POWER ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZY56 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZY56 Datasheet HTML 1Page - Diodes Incorporated ZY56 Datasheet HTML 2Page - Diodes Incorporated ZY56 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D
S21406 Rev. E-3
1 of 3
ZY11-ZY200
ZY11 - ZY200
SILICON POWER ZENER DIODE
Features
Maximum Ratings
Characteristic
Symbol
Value
Unit
Zener Current (see Table on Page 2)
——
Maximum Power Dissipation (Note 1)
Pd
2W
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
62.5
K/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 10mm from case.
@TA = 25°C unless otherwise specified
·
2 Watt Power Dissipation
·
Zener Voltages from 11V - 200V
·
Graded per International E24 Standard
DO-41
Dim
Min
Max
A
25.4
B
4.1
5.2
C
0.71
0.86
D
2.0
2.7
All Dimensions in mm
A
A
B
C
D
·
Case: Glass, DO-41
·
Leads: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Weight: 0.35 grams (approx.)
Mechanical Data


Similar Part No. - ZY56

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ZY56 GE-ZY56 Datasheet
364Kb / 7P
   ZENER DIODES
logo
Shanghai Semitech Semic...
ZY56 SEMITECH-ZY56 Datasheet
48Kb / 2P
   Low leakage current
logo
Diotec Semiconductor
ZY56 DIOTEC-ZY56 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
EIC discrete Semiconduc...
ZY56 EIC-ZY56 Datasheet
43Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
ZY56 VISHAY-ZY56 Datasheet
320Kb / 7P
   Zener Diodes
02-May-02
More results

Similar Description - ZY56

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BZP61 ZETEX-BZP61 Datasheet
188Kb / 4P
   Silicon Power Zener Diode
BZV61 ZETEX-BZV61 Datasheet
198Kb / 4P
   Silicon Power Zener Diode
logo
Shenzhen Taychipst Elec...
ZY11 TAYCHIPST-ZY11 Datasheet
8Mb / 3P
   SILICON POWER ZENER DIODE
logo
Diodes Incorporated
ZPU100 DIODES-ZPU100 Datasheet
57Kb / 2P
   SILICON POWER ZENER DIODE
DS21405 Rev.D-3
ZPY1 DIODES-ZPY1 Datasheet
62Kb / 3P
   SILICON PLANAR POWER ZENER DIODE
DS21404 Rev. D-3
logo
Pan Jit International I...
1N4736A PANJIT-1N4736A_09 Datasheet
360Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4832 NJSEMI-1N4832 Datasheet
77Kb / 1P
   SILICON ZENER DIODE
logo
Seme LAB
1N4109D2A SEME-LAB-1N4109D2A Datasheet
195Kb / 3P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G_10 Datasheet
304Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5930 NJSEMI-1N5930 Datasheet
67Kb / 1P
   SILICON ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com