Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR1260Y62 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # DCR1260Y62
Description  Phase Control Thyristor Target Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1260Y62 Datasheet(HTML) 6 Page - Dynex Semiconductor

Back Button DCR1260Y62 Datasheet HTML 2Page - Dynex Semiconductor DCR1260Y62 Datasheet HTML 3Page - Dynex Semiconductor DCR1260Y62 Datasheet HTML 4Page - Dynex Semiconductor DCR1260Y62 Datasheet HTML 5Page - Dynex Semiconductor DCR1260Y62 Datasheet HTML 6Page - Dynex Semiconductor DCR1260Y62 Datasheet HTML 7Page - Dynex Semiconductor DCR1260Y62 Datasheet HTML 8Page - Dynex Semiconductor DCR1260Y62 Datasheet HTML 9Page - Dynex Semiconductor DCR1260Y62 Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DCR1260Y
6/10
www.dynexsemi.com
Fig.4 Gate characteristics
Fig.5 Gate characteristics
Gate trigger current, I
GT - (A)
0
1
2
3
4
5
6
7
8
9
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
T
j = 125˚C
T
j = 25˚C
T
j = -40˚C
Preferred gate drive area
Upper limit
Lower limit
Pulse Width
µs
100
200
500
1000
10000
50
150
150
150
150
20
100
150
150
150
100
-
400
150
125
100
25
-
Frequency Hz
Table gives pulse power P
GM in Watts
Gate trigger current, I
GT - (A)
0
1
2
34567
8
910
0
5
10
15
20
25
Upper Limit
Lower Limit
5W
10W
20W
50W
100W


Similar Part No. - DCR1260Y62

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1260F40 DYNEX-DCR1260F40 Datasheet
498Kb / 10P
   Phase Control Thyristor
DCR1260F42 DYNEX-DCR1260F42 Datasheet
389Kb / 10P
   Phase Control Thyristor
DCR1260F42 DYNEX-DCR1260F42 Datasheet
498Kb / 10P
   Phase Control Thyristor
DCR1260F42 DYNEX-DCR1260F42_15 Datasheet
498Kb / 10P
   Phase Control Thyristor
More results

Similar Description - DCR1260Y62

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR5980Z DYNEX-DCR5980Z Datasheet
126Kb / 9P
   Phase Control Thyristor Target Information
DCR1660Y DYNEX-DCR1660Y Datasheet
139Kb / 9P
   Phase Control Thyristor Target Information
DCR1021SF DYNEX-DCR1021SF Datasheet
211Kb / 11P
   Phase Control Thyristor Target Information
DCR840F DYNEX-DCR840F Datasheet
139Kb / 9P
   Phase Control Thyristor Preliminary Information
DCR720E DYNEX-DCR720E Datasheet
134Kb / 9P
   Phase Control Thyristor Preliminary Information
DCR1910V85 DYNEX-DCR1910V85 Datasheet
142Kb / 9P
   Phase Control Thyristor Preliminary Information
DGT408BRP DYNEX-DGT408BRP Datasheet
170Kb / 6P
   Reverse Blocking Gate Turn-off Thyristor Target Information
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com