Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY12212-478LF Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SKY12212-478LF
Description  SKY12212-478LF 0.05-2.70 GHz, 100 W High Power Silicon PIN Diode SPDT Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY12212-478LF Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SKY12212-478LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY12212-478LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY12212-478LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY12212-478LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY12212-478LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY12212-478LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY12212-478LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY12212-478LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY12212-478LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DATA SHEET • SKY12212-478LF 100 W PIN DIODE SPDT SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
March 22, 2013 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202368B
Table 4. SKY12212-478LF Electrical Specifications (1 of 2) (Note 1)
(TOP = +25 °C, Characteristic Impedance [ZO] = 50
Ω, EVB Optimized for 0.05 to 2.70 GHz Operation, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Insertion loss, TX to ANT ports
ILTX-ANT
VPIN_2 = 2 V,
IPIN_14 = –100 mA,
IPIN_9 = –100 mA,
VPIN_7 = 28 V,
TX port PIN @ pin 14 = 0 dBm:
50 MHz
0.6 GHz
1.2 GHz
2.0 GHz
2.7 GHz
0.47
0.29
0.33
0.46
0.55
0.60
dB
dB
dB
dB
dB
Insertion loss, ANT to RX ports
ILANT-RX
VPIN_2 = 1 V,
VPIN_14 = 28 V,
IPIN_7 = –100 mA,
VPIN_9 = 28 V,
ANT port PIN @ pin 2 = 0 dBm:
50 MHz
0.6 GHz
1.2 GHz
2.0 GHz
2.7 GHz
0.44
0.26
0.24
0.32
0.34
0.60
dB
dB
dB
dB
dB
Isolation, TX to RX ports
Iso_TX-RX
VPIN_2 = 1 V,
IPIN_14 = –100 mA,
IPIN_9 = –100 mA,
VPIN_7 = 28 V,
TX port PIN @ pin 14 = 0 dBm:
50 MHz
0.6 GHz
1.2 GHz
2.0 GHz
2.7 GHz
45
47
41
50
38
29
dB
dB
dB
dB
dB
Isolation, ANT to TX ports
Iso_ANT-TX
VPIN_2 = 1 V,
VPIN_14 = 28 V,
IPIN_7 = –100 mA,
VPIN_9 = 28 V,
ANT port PIN @ pin 2 = 0 dBm:
50 MHz
0.6 GHz
1.2 GHz
2.0 GHz
2.7 GHz
30
59
39
34
30
28
dB
dB
dB
dB
dB
Isolation, ANT to RX ports
Iso_ANT-RX
VPIN_2 = 2 V,
IPIN_14 = –100 mA,
IPIN_9 = –100 mA,
VPIN_7 = 28 V,
ANT port PIN @ pin 2 = 0 dBm:
50 MHz
0.6 GHz
1.2 GHz
2.0 GHz
2.7 GHz
40
47
41
47
37
29
dB
dB
dB
dB
dB
Input return loss
0.5 to 2.7 GHz:
RX insertion loss state, ANT port
(@ pin 2)
TX insertion loss state, TX port
(@ pin 14)
25
20
dB
dB


Similar Part No. - SKY12212-478LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY12207-478LF SKYWORKS-SKY12207-478LF Datasheet
983Kb / 18P
   SKY12207-478LF 0.9-4.0 GHz 50 W High Power Silicon PIN Diode SPDT Switch
SKY12228-12LF SKYWORKS-SKY12228-12LF Datasheet
856Kb / 9P
   High IIP3, 0.7 to 1.0 GHz Variable Attenuator
SKY12228-12LF-EVB SKYWORKS-SKY12228-12LF-EVB Datasheet
856Kb / 9P
   High IIP3, 0.7 to 1.0 GHz Variable Attenuator
SKY12230-12LF SKYWORKS-SKY12230-12LF Datasheet
855Kb / 9P
   High IIP3, 1.7 to 2.3 GHz Variable Attenuator
SKY12232-21 SKYWORKS-SKY12232-21 Datasheet
616Kb / 10P
   High IIP3 2.65-3.65 GHz Voltage-Controlled Variable Attenuator
More results

Similar Description - SKY12212-478LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY12207-478LF SKYWORKS-SKY12207-478LF Datasheet
983Kb / 18P
   SKY12207-478LF 0.9-4.0 GHz 50 W High Power Silicon PIN Diode SPDT Switch
logo
M/A-COM Technology Solu...
MASW-000936 MA-COM-MASW-000936_15 Datasheet
650Kb / 8P
   PIN Diode SPDT 120 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
logo
NEC
UPG2408TB NEC-UPG2408TB Datasheet
112Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
logo
M/A-COM Technology Solu...
SW-485 MA-COM-SW-485 Datasheet
116Kb / 3P
   GaAs SPDT Switch 0.05 - 3.0 GHz
logo
California Eastern Labs
UPG2415T6X CEL-UPG2415T6X_09 Datasheet
434Kb / 10P
   0.05 to 6.0 GHz SPDT SWITCH
UPG2415T6X CEL-UPG2415T6X Datasheet
434Kb / 10P
   0.05 to 6.0 GHz SPDT SWITCH
UPG2408TB CEL-UPG2408TB_09 Datasheet
720Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2408TB RENESAS-PG2408TB_15 Datasheet
241Kb / 14P
   0.05 to 3.0 GHz SPDT SWITCH
logo
M/A-COM Technology Solu...
MASW-000834_13560T MA-COM-MASW-000834_13560T_15 Datasheet
817Kb / 14P
   HMIC PIN Diode SPDT 50 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
logo
NEC
UPG2408TK NEC-UPG2408TK Datasheet
112Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com