Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH1690CT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH1690CT
Description  Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 C Rated
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH1690CT Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH1690CT Datasheet HTML 1Page - Vishay Siliconix SFH1690CT Datasheet HTML 2Page - Vishay Siliconix SFH1690CT Datasheet HTML 3Page - Vishay Siliconix SFH1690CT Datasheet HTML 4Page - Vishay Siliconix SFH1690CT Datasheet HTML 5Page - Vishay Siliconix SFH1690CT Datasheet HTML 6Page - Vishay Siliconix SFH1690CT Datasheet HTML 7Page - Vishay Siliconix SFH1690CT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Alternative Device Available
SFH1690AT, SFH1690BT, SFH1690CT, SFH1690ABT
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 23-May-13
2
Document Number: 83537
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
Fig. 1 - Permissible Power Dissipation vs. Temperature
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
DC forward current
IF
50
mA
Reverse voltage
VR
6V
Surge forward current
tp  10 μs
IFSM
2.5
A
Power dissipation
Pdiss
80
mW
Derate linearly from 25 °C
0.7
mW/°C
OUTPUT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
tp  1 ms
IC
100
mW
Power dissipation
Pdiss
150
mW
Derate linearly from 25 °C
1.5
mW/°C
COUPLER
Isolation test voltage between emitter
and detector
t = 1 s
VISO
3750
VRMS
Operating temperature range
Tamb
- 55 to + 110
°C
Storage temperature range
Tstg
- 55 to + 150
°C
Soldering temperature
max. 10 s dip soldering distance to
seating plane
 1.5 mm
Tsld
260
°C
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
Tamb - Ambient Temperature (°C)
17567
Phototransistor
Diode


Similar Part No. - SFH1690CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH1690CT VISHAY-SFH1690CT Datasheet
131Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated
01-Jan-2022
SFH1690CT VISHAY-SFH1690CT Datasheet
131Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated
01-Jan-2023
More results

Similar Description - SFH1690CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH1690AT VISHAY-SFH1690AT_V01 Datasheet
131Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated
01-Jan-2022
SFH1690AT VISHAY-SFH1690AT_V02 Datasheet
131Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated
01-Jan-2023
TCLT1017 VISHAY-TCLT1017 Datasheet
150Kb / 8P
   Optocoupler, Phototransistor Output, SOP-6L4, 110 C Rated, Long Mini-Flat Package
Rev. 1.7, 08-Jan-14
TCLT111 VISHAY-TCLT111 Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
Rev. 1.6, 15-Oct-15
TCLT111 VISHAY-TCLT111_V02 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
01-Jan-2023
TCLT111 VISHAY-TCLT111_V01 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
01-Jan-2022
TCLT1015 VISHAY-TCLT1015 Datasheet
150Kb / 8P
   Optocoupler, Phototransistor Output, SOP-6L4, 110 째C Rated, Long Mini-Flat Package
Rev. 1.7, 08-Jan-14
TCLT101 VISHAY-TCLT101_V02 Datasheet
175Kb / 9P
   Optocoupler, Phototransistor Output, LSOP-4, 110 °C Rated, Long Mini-Flat Package
01-Jan-2023
TCLT101 VISHAY-TCLT101 Datasheet
150Kb / 8P
   Optocoupler, Phototransistor Output, SOP-6L4,110 C Rated, Long Mini-Flat Package
Rev. 1.7, 08-Jan-14
SFH690ABT VISHAY-SFH690ABT Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
Rev. 1.5, 20-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com