Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T630 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # T630
Description  Radiation hard 16-Bit ParallelError Detection & Correction
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

T630 Datasheet(HTML) 7 Page - Dynex Semiconductor

Back Button T630 Datasheet HTML 2Page - Dynex Semiconductor T630 Datasheet HTML 3Page - Dynex Semiconductor T630 Datasheet HTML 4Page - Dynex Semiconductor T630 Datasheet HTML 5Page - Dynex Semiconductor T630 Datasheet HTML 6Page - Dynex Semiconductor T630 Datasheet HTML 7Page - Dynex Semiconductor T630 Datasheet HTML 8Page - Dynex Semiconductor T630 Datasheet HTML 9Page - Dynex Semiconductor T630 Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
54HSC/T630
7/10
PIN ASSIGNMENTS
Figure 7: 28-Lead Ceramic DIL (Solder Seal)
- Package Style C
Figure 8: 28-Lead Flatpack (Solder Seal) - Package Style F
PACKAGE OUTLINES
Figure 9: 28-Lead Ceramic DIL (Solder Seal) - Package Style C
D
W
A
e
b
Z
H
A 1
15°
M
E
C
e 1
Seating Plane
1
14
28
15
Ref
Millimetres
Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
5.715
-
-
0.225
A1
0.38
-
1.53
0.015
-
0.060
b
0.35
-
0.59
0.014
-
0.023
c
0.20
-
0.36
0.008
-
0.014
D
-
-
36.02
-
-
1.418
e
-
2.54 Typ.
-
-
0.100 Typ.
-
e1
-
15.24 Typ.
-
-
0.600 Typ.
-
H
4.71
-
5.38
0.185
-
0.212
Me
-
-
15.90
-
-
0.626
Z
-
-
1.27
-
-
0.050
W
-
-
1.53
-
-
0.060
XG404


Similar Part No. - T630

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T630 POWEREX-T630 Datasheet
244Kb / 6P
   Phase Control SCR (150-300 Amperes 100-1600 Volts)
logo
STMicroelectronics
T630-600W STMICROELECTRONICS-T630-600W Datasheet
63Kb / 5P
   6A SNUBBERLESTM TRIAC
T630-600W STMICROELECTRONICS-T630-600W Datasheet
85Kb / 8P
   6 A Snubberless??Triac
T630-600W STMICROELECTRONICS-T630-600W Datasheet
83Kb / 8P
   6 A Snubberless??Triac
T630-600W STMICROELECTRONICS-T630-600W Datasheet
72Kb / 5P
   SNUBBERLESS TRIAC
September 2001 - Ed: 1A
More results

Similar Description - T630

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
logo
Intersil Corporation
ACTS630MS INTERSIL-ACTS630MS Datasheet
489Kb / 4P
   Radiation Hardened EDAC (Error Detection and Correction)
January 1996
logo
Renesas Technology Corp
ACTS630MS RENESAS-ACTS630MS Datasheet
683Kb / 4P
   Radiation Hardened EDAC (Error Detection and Correction)
January 1996
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
logo
Dynex Semiconductor
MA7001 DYNEX-MA7001 Datasheet
144Kb / 15P
   Radiation Hard 512x9 Bit FIFO
logo
Renesas Technology Corp
ACS630MS RENESAS-ACS630MS Datasheet
676Kb / 3P
   Radiation Hardened EDAC (Error Detection and Correction Circuit)
January 1996
logo
Intersil Corporation
ACS630MS INTERSIL-ACS630MS Datasheet
489Kb / 4P
   Radiation Hardened EDAC (Error Detection and Correction Circuit)
January 1996
logo
ATMEL Corporation
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
   16 Bit Flow Through EDAC Error Detection And Correction unit
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
logo
Dynex Semiconductor
MA9264 DYNEX-MA9264 Datasheet
240Kb / 15P
   Radiation Hard 8192x8 Bit Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com