Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR-RA-29-S Datasheet(PDF) 3 Page - 3M Electronics

Part # SBR-RA-29-S
Description  Boardmount Right Angle, Through-Hole Receptacle
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SBR-RA-29-S Datasheet(HTML) 3 Page - 3M Electronics

  SBR-RA-29-S Datasheet HTML 1Page - 3M Electronics SBR-RA-29-S Datasheet HTML 2Page - 3M Electronics SBR-RA-29-S Datasheet HTML 3Page - 3M Electronics SBR-RA-29-S Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MSerial Attached SCSI (SAS) Connector
Boardmount Right Angle, Through-Hole Receptacle
SBR Series
TS-2180-C
Sheet 3 of 3
Ordering Information
SBR - RA - 29 - S - ML (RIA E1 & C1)
RECOMMENDED PCB THICKNESS 1.83 [0.073] Nominal


Similar Part No. - SBR-RA-29-S

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SBR-70-B LUMINUS-SBR-70-B Datasheet
1Mb / 13P
   Extremely high optical output from a 7 mm2 circular emitter
SBR-70-G LUMINUS-SBR-70-G Datasheet
1Mb / 13P
   Extremely high optical output from a 7 mm2 circular emitter
SBR-90-R-R75-HN100 LUMINUS-SBR-90-R-R75-HN100 Datasheet
1Mb / 15P
   Extremely high optical output from a 9 mm2 square emitter:
SBR-90-W57S-R71-NA100 LUMINUS-SBR-90-W57S-R71-NA100 Datasheet
1Mb / 15P
   Extremely high optical output from a 9 mm2 square emitter:
SBR-90-W65S-R71-NA100 LUMINUS-SBR-90-W65S-R71-NA100 Datasheet
1Mb / 15P
   Extremely high optical output from a 9 mm2 square emitter:
More results

Similar Description - SBR-RA-29-S

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N10250-52E2PC 3M-N10250-52E2PC Datasheet
410Kb / 6P
   3M??Mini D Ribbon (MDR) Connectors .050??Boardmount Thru-Hole Right Angle Receptacle-Shielded
N10226-5212PC 3M-N10226-5212PC Datasheet
399Kb / 6P
   3M??Mini D Ribbon (MDR) Connectors .050??Boardmount Thru-Hole Right Angle Receptacle-Shielded
logo
MolexKits
76650-0135 MOLEXKITS-76650-0135 Datasheet
43Kb / 2P
   Positive Lock Through Hole Right Angle Header and Receptacle
logo
Tyco Electronics
1734530-1 MACOM-1734530-1 Datasheet
370Kb / 4P
   RECEPTACLE ASSY, SIZE1, 15 POSITION, RIGHT ANGLE, THROUGH HOLE
logo
STANLEY ELECTRIC CO.,LT...
AN504 STANLEY-AN504 Datasheet
176Kb / 10P
   Through-hole IRED/Right Angle Type
logo
Amphenol Corporation
GSB311131HR AMPHENOL-GSB311131HR Datasheet
98Kb / 1P
   USB 3.0 Type A. Right Angle, Receptacle, Through Hole, Standard Type
logo
Molex Electronics Ltd.
1731620132 MOLEX1-1731620132 Datasheet
50Kb / 2P
   Nano-Pitch I/O Receptacle, Right Angle, Through Hole, 80 Circuits
logo
Amphenol Corporation
GSB3211X1HR AMPHENOL-GSB3211X1HR Datasheet
136Kb / 1P
   USB 3.0 Type B. Right Angle, Receptacle, Through Hole, Standard Type
logo
E-SWITCH
DR3-10R E-SWITCH-DR3-10R Datasheet
170Kb / 1P
   Through Hole, Right Angle, and SMT Option
logo
Molex Electronics Ltd.
0365090009 MOLEX5-0365090009 Datasheet
202Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, 96 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com