Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZPY1 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZPY1
Description  SILICON PLANAR POWER ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZPY1 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZPY1 Datasheet HTML 1Page - Diodes Incorporated ZPY1 Datasheet HTML 2Page - Diodes Incorporated ZPY1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D
S21404 Rev. D-3
3 of 3
ZPY1-ZPY100
50mA
0
40
80
120
160
200
240
02
4
6
8
10
12
14
V , ZENER VOLTAGE (V)
Fig. 1, Zener Breakdown Characteristics
Z
T = 25°C
j
See Note 2
Test Current I
100mA
Z
ZPY1
ZPY3,9
ZPY4,7
ZPY5,6
ZPY6,8
ZPY10
ZPY12
ZPY8,2
0
1
2
0
100
200
T , AMBIENT TEMPERATURE (°C)
Fig. 4, Power Derating Curve
A
See Note 1
0
10
20
0
50
100
V , ZENER VOLTAGE (V)
Fig. 3, Zener Breakdown Characteristics
Z
T = 25°C
j
See Note 2
Test Current I
10mA
Z
ZPY56
ZPY68
ZPY82
5mA
ZPY100
0
10
20
30
40
50
60
010
20
30
40
50
V , ZENER VOLTAGE (V)
Fig. 2, Zener Breakdown Characteristics
Z
T = 25°C
j
See Note 2
Test Current I
25mA
Z
10mA
ZPY15
ZPY18
ZPY22
ZPY27
ZPY33
ZPY39
ZPY47
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 10mm from case.
2. Tested with pulses tp = 20ma.
3. The ZPY1 is a silicon diode operated in forward direction. Hence, the index of all parameters and maximum ratings should
be “F” instead of “Z.” Connect the cathode terminal to the negative pole.


Similar Part No. - ZPY1

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ZPY1 GE-ZPY1 Datasheet
217Kb / 5P
   ZENER DIODES
logo
Vishay Siliconix
ZPY1 VISHAY-ZPY1 Datasheet
186Kb / 5P
   Zener Diodes
02-May-02
logo
Diotec Semiconductor
ZPY1 DIOTEC-ZPY1 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
Semikron International
ZPY1 SEMIKRON-ZPY1 Datasheet
48Kb / 1P
   Axial lead diode Zener silicon diodes
logo
Diotec Semiconductor
ZPY1 DIOTEC-ZPY1 Datasheet
152Kb / 3P
   Silicon-Power-Zener Diodes (non-planar technology)
More results

Similar Description - ZPY1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
BZM55C-BS RECTRON-BZM55C-BS Datasheet
155Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Semtech Corporation
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A_12 Datasheet
178Kb / 5P
   SILICON PLANAR ZENER DIODE
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C-BS RECTRON-BZX55C-BS Datasheet
278Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Diodes Incorporated
ZPD1 DIODES-ZPD1 Datasheet
63Kb / 3P
   SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
logo
Rectron Semiconductor
BZV55C-BS RECTRON-BZV55C-BS Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com