Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6020L53 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # S6020L53
Description  Lead Form Dimensions
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S6020L53 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  S6020L53 Datasheet HTML 1Page - List of Unclassifed Manufacturers S6020L53 Datasheet HTML 2Page - List of Unclassifed Manufacturers S6020L53 Datasheet HTML 3Page - List of Unclassifed Manufacturers S6020L53 Datasheet HTML 4Page - List of Unclassifed Manufacturers S6020L53 Datasheet HTML 5Page - List of Unclassifed Manufacturers S6020L53 Datasheet HTML 6Page - List of Unclassifed Manufacturers S6020L53 Datasheet HTML 7Page - List of Unclassifed Manufacturers S6020L53 Datasheet HTML 8Page - List of Unclassifed Manufacturers S6020L53 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2004 Littelfuse, Inc.
M2 - 3
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Data Sheets
Lead Form Dimensions
TO-202AB Type 23 — F Package
Sidac Only
TO-202AB Type 26 — F Package
TO-202AB Type 3 — F Package
Non-isolated
TO-202AB Type 32 — F Package
Non-isolated
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.240
0.260
6.100
6.60
B
0.030
0.050
0.762
1.27
C
0.030
0.050
0.762
1.27
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.240
0.260
6.100
6.60
B
0.030
0.050
0.762
1.27
C
0.050
0.070
0.127
1.78
D
0.095
0.105
2.410
2.67
E
0.172
0.202
4.370
5.13
MT1 / Pin 1
MT2 / Pin 2
C
A
B
Gate
A
MT2 / Anode
MT1 / Cathode
B
E
C
D
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.030
0.050
0.762
1.27
B
0.645
0.705
16.380
17.91
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.030
0.050
0.762
1.27
B
0.435
0.495
11.050
12.57
C
0.120
0.160
3.050
4.06
MT2 / Anode
MT1 / Cathode
A
B
Gate
MT2 / Anode
MT1 / Cathode
Gate
B
C
A


Similar Part No. - S6020L53

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S6020L TECCOR-S6020L Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
S6020L TECCOR-S6020L Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S6020L LITTELFUSE-S6020L Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S6020L LITTELFUSE-S6020L Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
New Jersey Semi-Conduct...
S6020L NJSEMI-S6020L Datasheet
1Mb / 2P
   Electrical Specifications
More results

Similar Description - S6020L53

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D4015L52 LITTELFUSE-D4015L52 Datasheet
151Kb / 10P
   Lead Form Dimensions
D6015L52 LITTELFUSE-D6015L52 Datasheet
151Kb / 10P
   Lead Form Dimensions
D6015L53 LITTELFUSE-D6015L53 Datasheet
151Kb / 10P
   Lead Form Dimensions
L6004L356 LITTELFUSE-L6004L356 Datasheet
151Kb / 10P
   Lead Form Dimensions
logo
List of Unclassifed Man...
S4015L52 ETC2-S4015L52 Datasheet
151Kb / 10P
   Lead Form Dimensions
logo
Littelfuse
Q4004L352 LITTELFUSE-Q4004L352 Datasheet
151Kb / 10P
   Lead Form Dimensions
217.040P LITTELFUSE-217.040P Datasheet
304Kb / 2P
   Available in Cartridge and Axial Lead Form
logo
Rohm
TUMD2 ROHM-TUMD2 Datasheet
43Kb / 1P
   Each lead has same dimensions
logo
AVX Corporation
SD1206T020S1R0 AVX-SD1206T020S1R0 Datasheet
626Kb / 6P
   Schottky Barrier Rectifier Diode Lead-less Chip Form
logo
Comchip Technology
Z4GP206L-HF COMCHIP-Z4GP206L-HF Datasheet
410Kb / 4P
   Lead less chip form, no lead damage, Low power loss, High efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com