Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK32SB Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # SK32SB
Description  3.0Amp. Surface Mount Schottky Barrier Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK32SB Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  SK32SB Datasheet HTML 1Page - Cystech Electonics Corp. SK32SB Datasheet HTML 2Page - Cystech Electonics Corp. SK32SB Datasheet HTML 3Page - Cystech Electonics Corp. SK32SB Datasheet HTML 4Page - Cystech Electonics Corp. SK32SB Datasheet HTML 5Page - Cystech Electonics Corp. SK32SB Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C330SB
Issued Date : 2003.04.09
Revised Date :2011.01.28
Page No. : 2/6
SK32SB thru SK3BSB
CYStek Product Specification
Characteristic Curves
Forward Current Derating Curve
0
0.5
1
1.5
2
2.5
3
3.5
0
50
100
150
200
Ambient Temperature---TA(℃)
SK36-3B
SK32-34
Maximum Non-Repetitive Forward
Surge Current
0
20
40
60
80
100
120
110
Numbers of Cycles at 60Hz
100
Tj=25℃, 8.3ms
Single Half Sine Wave,
JEDEC method
Forward Current vs Forward Voltage
0.01
0.1
1
10
100
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
Forward Voltage---VF(V)
Tj=25℃, Pulse width=300μs,
1% Duty cycle
SK32-34
SK36
SK3B
Junction Capacitance vs Reverse Voltage
0
20
40
60
80
100
120
140
0.01
0.1
1
10
100
Reverse Voltage---VR(V)
Reverse Leakage Current vs Reverse Voltage
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
Percentage of Rated Peak
Reverse Voltage---(%)
Tj=75℃
Tj=25℃


Similar Part No. - SK32SB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Cystech Electonics Corp...
SK32SA CYSTEKEC-SK32SA Datasheet
87Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
logo
Diotec Semiconductor
SK32SMA DIOTEC-SK32SMA Datasheet
53Kb / 2P
   Surface Mount Schottky-Rectifiers
SK32SMA DIOTEC-SK32SMA Datasheet
120Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK32SMA DIOTEC-SK32SMA Datasheet
103Kb / 2P
   Surface Mount Schottky Rectifiers
More results

Similar Description - SK32SB

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK3BSA CYSTEKEC-SK3BSA Datasheet
87Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK38SA CYSTEKEC-SK38SA Datasheet
87Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK36SA CYSTEKEC-SK36SA Datasheet
87Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
CSMA320-3100SA CYSTEKEC-CSMA320-3100SA Datasheet
144Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK3100SC CYSTEKEC-SK3100SC Datasheet
367Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK3150SB CYSTEKEC-SK3150SB Datasheet
256Kb / 4P
   3.0Amp. Surface Mount Schottky Barrier Diodes
CSMA582XSA CYSTEKEC-CSMA582XSA Datasheet
142Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK34SA CYSTEKEC-SK34SA Datasheet
257Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK320SC CYSTEKEC-SK320SC Datasheet
194Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK340SC CYSTEKEC-SK340SC Datasheet
194Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com