Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5015 Datasheet(PDF) 6 Page - NEC

Part # 2SC5015
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5015 Datasheet(HTML) 6 Page - NEC

  2SC5015 Datasheet HTML 1Page - NEC 2SC5015 Datasheet HTML 2Page - NEC 2SC5015 Datasheet HTML 3Page - NEC 2SC5015 Datasheet HTML 4Page - NEC 2SC5015 Datasheet HTML 5Page - NEC 2SC5015 Datasheet HTML 6Page - NEC 2SC5015 Datasheet HTML 7Page - NEC 2SC5015 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC5015
6
S-PARAMETER
VCE = 3 V, IC = 3 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.908
–11.7
9.519
169.3
.020
77.7
.984
–7.3
200.00
.872
–22.9
9.147
158.9
.036
74.3
.951
–13.7
300.00
.825
–33.1
8.721
149.4
.050
68.7
.920
–19.7
400.00
.767
–42.7
8.085
141.0
.061
66.4
.866
–24.9
500.00
.701
–52.2
7.623
132.2
.073
61.0
.813
–30.0
600.00
.656
–61.0
7.104
125.7
.082
57.4
.764
–33.9
700.00
.598
–69.4
6.670
119.0
.088
54.9
.721
–37.3
800.00
.551
–76.2
6.145
113.1
.097
52.4
.671
–41.2
900.00
.494
–84.0
5.719
108.0
.101
51.7
.631
–42.9
1000.00
.458
–90.7
5.371
102.9
.111
49.3
.602
–45.0
1100.00
.422
–97.4
5.005
98.6
.117
47.6
.570
–47.0
1200.00
.388
–104.1
4.642
94.3
.118
46.3
.538
–49.4
1300.00
.356
–110.7
4.396
90.5
.124
45.3
.512
–51.3
1400.00
.341
–117.6
4.148
86.8
.129
42.6
.491
–52.7
1500.00
.318
–124.9
3.933
83.0
.135
44.0
.463
–55.2
1600.00
.305
–132.3
3.713
79.8
.140
43.7
.445
–56.4
1700.00
.291
–140.3
3.563
77.0
.141
42.0
.430
–57.1
1800.00
.282
–145.0
3.382
73.6
.149
42.2
.424
–59.1
1900.00
.269
–151.9
3.234
71.2
.149
41.8
.413
–60.7
2000.00
.277
–160.1
3.108
67.7
.155
41.4
.401
–64.2
2100.00
.262
–167.5
2.956
65.1
.162
40.4
.386
–65.3
2200.00
.255
–172.8
2.838
61.9
.169
38.9
.377
–66.8
2300.00
.260
–177.4
2.722
60.0
.169
38.1
.373
–68.2
2400.00
.249
175.5
2.635
57.5
.173
37.9
.352
–68.1
2500.00
.266
171.8
2.553
54.5
.182
38.2
.351
–71.9
2600.00
.263
164.2
2.459
52.0
.183
36.7
.347
–70.9
2700.00
.270
164.0
2.383
50.6
.192
36.7
.341
–75.1
2800.00
.272
159.9
2.323
47.5
.195
36.4
.337
–79.8
2900.00
.278
155.5
2.241
45.6
.193
34.5
.316
–78.4
3000.00
.272
150.5
2.147
42.7
.200
35.0
.324
–82.3
VCE = 3 V, IC = 1 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.973
–6.3
3.521
173.9
.015
82.1
.991
–3.5
200.00
.959
–13.5
3.484
167.3
.033
83.0
.985
–7.6
300.00
.947
–19.7
3.458
161.2
.055
79.6
.981
–11.3
400.00
.922
–26.2
3.360
155.2
.065
72.2
.962
–14.8
500.00
.898
–32.8
3.348
148.3
.084
69.4
.946
–18.9
600.00
.878
–39.1
3.287
143.3
.100
63.5
.925
–22.5
700.00
.848
–45.9
3.248
137.3
.109
60.2
.909
–25.5
800.00
.822
–51.7
3.136
131.4
.126
56.6
.875
–29.5
900.00
.772
–58.0
3.040
126.1
.134
55.0
.847
–32.4
1000.00
.752
–64.0
2.980
120.9
.150
50.0
.830
–34.6
1100.00
.708
–70.1
2.879
116.1
.158
46.1
.801
–38.1
1200.00
.676
–76.4
2.749
110.5
.163
43.5
.776
–40.7
1300.00
.644
–82.4
2.690
106.0
.172
44.1
.745
–43.5
1400.00
.617
–88.2
2.588
101.4
.176
38.2
.724
–46.8
1500.00
.579
–94.1
2.514
96.8
.181
36.3
.696
–49.2
1600.00
.559
–100.2
2.407
92.4
.186
33.2
.680
–50.2
1700.00
.536
–106.6
2.369
89.1
.188
31.7
.651
–52.6
1800.00
.509
–111.4
2.278
84.9
.191
30.5
.642
–54.9
1900.00
.490
–117.1
2.201
81.5
.192
28.4
.624
–57.0
2000.00
.478
–124.8
2.151
77.0
.195
27.2
.611
–59.7
2100.00
.442
–129.6
2.071
73.5
.198
25.4
.593
–62.2
2200.00
.423
–136.7
2.001
69.4
.201
25.8
.575
–63.7
2300.00
.429
–140.8
1.938
67.1
.203
23.5
.565
–65.5
2400.00
.401
–145.8
1.873
63.8
.202
21.3
.536
–66.3
2500.00
.406
–152.3
1.839
60.3
.204
20.3
.540
–69.0
2600.00
.388
–158.3
1.776
57.3
.201
20.6
.528
–68.7
2700.00
.400
–161.7
1.733
55.3
.204
20.6
.521
–72.7
2800.00
.385
–166.9
1.688
51.3
.203
19.0
.512
–75.5
2900.00
.389
–171.6
1.644
49.3
.201
17.8
.498
–75.6
3000.00
.368
–177.7
1.590
46.0
.209
17.2
.495
–80.4


Similar Part No. - 2SC5015

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5015 RENESAS-2SC5015 Datasheet
182Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC5015 CEL-2SC5015 Datasheet
1Mb / 7P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC5015-T1 RENESAS-2SC5015-T1 Datasheet
182Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5015 RENESAS-2SC5015_15 Datasheet
182Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD (18)
More results

Similar Description - 2SC5015

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5013 NEC-2SC5013 Datasheet
52Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5011 NEC-2SC5011 Datasheet
52Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5012 NEC-2SC5012 Datasheet
50Kb / 7P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5014 NEC-2SC5014 Datasheet
49Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC4956 NEC-2SC4956 Datasheet
48Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4957 NEC-2SC4957 Datasheet
49Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4092 NEC-2SC4092 Datasheet
82Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4959 NEC-2SC4959 Datasheet
47Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4958 NEC-2SC4958 Datasheet
46Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4226 NEC-2SC4226 Datasheet
56Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com