Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5015 Datasheet(PDF) 3 Page - NEC

Part # 2SC5015
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5015 Datasheet(HTML) 3 Page - NEC

  2SC5015 Datasheet HTML 1Page - NEC 2SC5015 Datasheet HTML 2Page - NEC 2SC5015 Datasheet HTML 3Page - NEC 2SC5015 Datasheet HTML 4Page - NEC 2SC5015 Datasheet HTML 5Page - NEC 2SC5015 Datasheet HTML 6Page - NEC 2SC5015 Datasheet HTML 7Page - NEC 2SC5015 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC5015
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
200
100
0
50
100
150
TA - Ambinet Temperatute - ˚C
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
40
0
0.5
1.0
VBE - Base to Emitter Voltafe - V
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
50
30
20
10
VCE = 3 V
30
02
4
8
VCE - Collector to Emitter Voltage - V
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
12
50
IC - Collector Current - mA
DC CURRENT GAIN vs.
COLLECTOR CURRENT
500
VCE = 3 V
220
50
IC - Collector Current - mA
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
20
10
6
IB = 200 A
180 A
160 A
140 A
120 A
100 A
80 A
60 A
40 A
20 A
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
VCE = 3 V
f = 2 GHz
IC - Collector Current - mA
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
VCE = 3 V
f = 2 GHz
200
100
50
20
10
510
20
14
12
10
8
6
4
2
0
1
5
10
2
20
50
12
0
15
10
10
8
6
4
2


Similar Part No. - 2SC5015

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5015 RENESAS-2SC5015 Datasheet
182Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC5015 CEL-2SC5015 Datasheet
1Mb / 7P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC5015-T1 RENESAS-2SC5015-T1 Datasheet
182Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5015 RENESAS-2SC5015_15 Datasheet
182Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD (18)
More results

Similar Description - 2SC5015

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5013 NEC-2SC5013 Datasheet
52Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5011 NEC-2SC5011 Datasheet
52Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5012 NEC-2SC5012 Datasheet
50Kb / 7P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5014 NEC-2SC5014 Datasheet
49Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC4956 NEC-2SC4956 Datasheet
48Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4957 NEC-2SC4957 Datasheet
49Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4092 NEC-2SC4092 Datasheet
82Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4959 NEC-2SC4959 Datasheet
47Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4958 NEC-2SC4958 Datasheet
46Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4226 NEC-2SC4226 Datasheet
56Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com