Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SF52G Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part No. SF52G
Description  5.0Amp. Glass Passivated Super Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYSTEKEC [Cystech Electonics Corp.]
Homepage  http://www.cystekec.com
Logo 

SF52G Datasheet(HTML) 1 Page - Cystech Electonics Corp.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C194LD
Issued Date : 2012.12.11
Revised Date : 2013.05.03
Page No. : 1/3
SF51G thru SF58G
CYStek Product Specification
5.0Amp. Glass Passivated Super Fast Rectifiers
SF51G thru SF56G
Features
• High current capability
• High reliability
• Low forward voltage drop
• High surge current capability
Mechanical Data
• Case: Molded plastic DO-201AD
• Terminals: Solder plated, solderable per MIL-STD-750 method 2026
• Polarity: Indicated by cathode band.
• Epoxy : UL94V-0 rate flame retardant
• Weight: 0.041 oz., 1.15 gram
Maximum Ratings and Electrical Characteristics
(
Rating at 25
°C ambient temperature unless otherwise specified. )
Type
Parameter
Symbol
SF
51G
SF
52G
SF
53G
SF
54G
SF
55G
SF
56G
SF
57G
SF
58G
Units
Repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC blocking voltage
VR
50
100
150
200
300
400
500
600
V
Maximum instantaneous
forward voltage, IF=5A (Note 1)
VF
0.95
1.3
1.7
V
Reverse Recovery Time
trr
35
ns
Average forward rectified current
@TA=55℃
IFAV
5
A
Peak forward surge current @8.3ms
single half sine wave superimposed
on rated load (JEDEC method)
IFSM
125
A
Maximum DC reverse current
VR=VRRM,TA=25℃(Note 1)
VR=VRRM,TA=100℃(Note 1)
IR
5
100
μA
μA
Storage temperature
Tstg
-55 ~ +150
Operating temperature
TJ
-55 ~ +150
Notes : 1. Pulse test, pulse width=300μsec, 2% duty cycle
2 . Reverse recovery test condition: IF=0.5A, IR=1.0A, IRR=0.25A


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn