Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB521S-40C2 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # RB521S-40C2
Description  Small Signal Schottky diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

RB521S-40C2 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  RB521S-40C2 Datasheet HTML 1Page - Cystech Electonics Corp. RB521S-40C2 Datasheet HTML 2Page - Cystech Electonics Corp. RB521S-40C2 Datasheet HTML 3Page - Cystech Electonics Corp. RB521S-40C2 Datasheet HTML 4Page - Cystech Electonics Corp. RB521S-40C2 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C302C2
Issued Date : 2003.12.05
Revised Date : 2010.12.10
Page No. : 1/5
RB521S-40C2
CYStek Product Specification
Small Signal Schottky diode
RB521S-40C2
Description
Planar silicon Schottky barrier diode encapsulated in a SOD-523 plastic SMD package.
Features
•Extremely small surface mounting type.(SC-79/SOD523)
•IO=200mA guaranteed despite the size.
•Low VF.(VF=0.4V typ. at 200mA)
Applications
Low current rectification and high speed switching
Symbol
Outline
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature
Tstg..................................................................................................... -45~+125
°C
Junction Temperature Tj .............................................................................................................. +125
°C
• Maximum Voltages and Currents (Ta=25°C)
DC Reverse Voltage VR ...................................................................................................................... 40 V
Mean Rectifying Current IF ......................................................................................................... 200 mA
Peak Forward Surge Current IFSM………………………………….. ……………………………………………1 A


Similar Part No. - RB521S-40C2

ManufacturerPart #DatasheetDescription
logo
Rohm
RB521S-40 ROHM-RB521S-40 Datasheet
144Kb / 4P
   Schottky barrier diode
logo
SEMTECH ELECTRONICS LTD...
RB521S-40 SEMTECH_ELEC-RB521S-40 Datasheet
303Kb / 3P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
Rectron Semiconductor
RB521S-40 RECTRON-RB521S-40 Datasheet
128Kb / 2P
   SILICON EXPITAXIAL SCHOTTKY BARRIER DIODES
logo
Rohm
RB521S-40 ROHM-RB521S-40 Datasheet
1Mb / 4P
   Schottky barrier diode
logo
Continental Device Indi...
RB521S-40 CDIL-RB521S-40 Datasheet
130Kb / 3P
   SILICON EXPITAXIAL SCHOTTKY BARRIER DIODE
More results

Similar Description - RB521S-40C2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com