Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB140N3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # RB140N3
Description  1.2Amp. Surface Mount Schottky Barrier Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

RB140N3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  RB140N3 Datasheet HTML 1Page - Cystech Electonics Corp. RB140N3 Datasheet HTML 2Page - Cystech Electonics Corp. RB140N3 Datasheet HTML 3Page - Cystech Electonics Corp. RB140N3 Datasheet HTML 4Page - Cystech Electonics Corp. RB140N3 Datasheet HTML 5Page - Cystech Electonics Corp. RB140N3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C338N3
Issued Date : 2010.10.05
Revised Date : 2010.10.22
Page No. : 1/6
RB140N3
CYStek Product Specification
1.2Amp. Surface Mount Schottky Barrier Diodes
RB140N3
Features
• For surface mounted applications.
• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
• Low leakage current
• High surge capability
• High temperature soldering: 250°C/10 seconds at terminals
• Exceeds environmental standards of MIL-S-19500/228
• Pb-free lead plating package
Equivalent Circuit
Outline
Applications
• DC-DC converters.
• Strobes.
• Mobile phones.
• Charging circuits.
• Motor control.
SOT-23
RB140N3
3
Cathode
1
2
Not
Connected
1:Anode
Anode
2:Not Connected
3:Cathode


Similar Part No. - RB140N3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
RB140BN3 CYSTEKEC-RB140BN3 Datasheet
412Kb / 6P
   1.2Amp. Surface Mount Schottky Barrier Diodes
RB140BN3-0-T-G CYSTEKEC-RB140BN3-0-T-G Datasheet
412Kb / 6P
   1.2Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - RB140N3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
RB140BN3 CYSTEKEC-RB140BN3 Datasheet
412Kb / 6P
   1.2Amp. Surface Mount Schottky Barrier Diodes
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751S WEITRON-WSD751S Datasheet
560Kb / 3P
   Surface Mount Schottky Barrier Diodes
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
BAS40 PACELEADER-BAS40 Datasheet
336Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70 PACELEADER-BAS70 Datasheet
346Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70W PACELEADER-BAS70W Datasheet
673Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
BAS70W CDIL-BAS70W Datasheet
346Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com